Electronic Components Datasheet Search
  English  ▼

X  

RT9134PC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9134PC
Description  Rail-to-Rail Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134PC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9134PC Datasheet HTML 3Page - Richtek Technology Corporation RT9134PC Datasheet HTML 4Page - Richtek Technology Corporation RT9134PC Datasheet HTML 5Page - Richtek Technology Corporation RT9134PC Datasheet HTML 6Page - Richtek Technology Corporation RT9134PC Datasheet HTML 7Page - Richtek Technology Corporation RT9134PC Datasheet HTML 8Page - Richtek Technology Corporation RT9134PC Datasheet HTML 9Page - Richtek Technology Corporation RT9134PC Datasheet HTML 10Page - Richtek Technology Corporation RT9134PC Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9134
Preliminary
9
DS9134-04
August 2007
www.richtek.com
Figure 2. Derating Curves for the RT9134 Package
Short Circuit Condition
An internal short-circuit protection circuit is implemented
to protect the device from output short circuit. The RT9134
limits the short circuit current to
±120mA if the output is
directly shorted to positive/negative supply rails. For
maximum reliability, the maximum continuous output
current more than
±35mA is not recommended.
Unused Amplifier
It is recommended to connect the unused amplifier as a
unit gain circuit. The negative input is directly connected
to the output and the positive input should be connected
to the ground.
LCD Panel Applications
The RT9134 is mainly designed for LCD gamma and
V-com buffer. OP Amplifier-C has 120mA instantaneous
source/sink peak current. To test the performance of the
RT9134 for LCD driving capability, the test circuit is to
simulate the V-com driver as shown Figure 3. Series
capacitors and resistors connected to the output of the
OP simulate the load of LCD panel. The 300
Ω and 3kΩ
feedback resistors are used to improve the settling time.
This circuit is the worst case for a V-com buffer. Figure 4
shows the waveforms of the output peak current capability.
Figure 3. V-com Test Circuit
Figure 4. Scope Photo of the V-com Peak Current
Time (2.5
μs/Div)
+
-
3k
300k
V
IN 0V to 8V
10
10
10
10
10
8V
4V
Measure
Current
Square Wave
10nF
10nF
10nF
10nF
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
0
15
30
45
60
75
90
105 120 135 150
Ambient Temperature (°C)
4-Layers Board
VQFN-16L 4x4
TSSOP-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com