Electronic Components Datasheet Search
  English  ▼

X  

RT9170 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9170
Description  300mA, 15關A Quiescent Current CMOS LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9170 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9170 Datasheet HTML 1Page - Richtek Technology Corporation RT9170 Datasheet HTML 2Page - Richtek Technology Corporation RT9170 Datasheet HTML 3Page - Richtek Technology Corporation RT9170 Datasheet HTML 4Page - Richtek Technology Corporation RT9170 Datasheet HTML 5Page - Richtek Technology Corporation RT9170 Datasheet HTML 6Page - Richtek Technology Corporation RT9170 Datasheet HTML 7Page - Richtek Technology Corporation RT9170 Datasheet HTML 8Page - Richtek Technology Corporation RT9170 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9170
1
DS9170-11
March 2007
www.richtek.com
Features
Ultra-Low Quiescent Current (Typically 15
μμμμμA)
Guaranteed 300mA Output Current
Low Dropout : 240mV at 300mA
Wide Operating Voltage Ranges : 2V to 5.5V
Fast Transient Response
Tight Load and Line Regulation
TTL-Logic-Controlled Enable Input
Current Limiting & Thermal Protection
Only 1
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
Custom Voltage Available
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Phones and Pagers
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Pin Configurations
300mA, 15
μμμμμA Quiescent Current CMOS LDO Regulator
General Description
The RT9170 is CMOS ultra low quiescent current and low
dropout (ULDO) regulators. The devices are capable of
supplying 300mA of output current continuously.
The RT9170's performance is optimized for battery-
powered systems to deliver 15
μA ultra low quiescent
current and extremely low dropout voltage. Regulator
ground current increases only slightly in dropout, further
prolonging the battery life. The other features include ultra
low dropout voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio.
The devices are available in fixed output voltages range of
1.2V to 3.3V with 0.1V per step. The RT9170 regulators
are available in SOT-23-3, SOT-23-5 and 3-lead SOT-89
packages.
Ordering Information
(TOP VIEW)
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
SOT-89
SOT-23-5
GND
23
54
1
VIN VOUT
NC
EN
1
2
3
GND
VOUT
VIN
23
1
GND
VOUT
VIN
(TAB)
SOT-23-3
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9170-
Package Type
V: SOT-23-3
B: SOT-23-5
X : SOT-89
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
12 : 1.2V
13 : 1.3V
:
32 : 3.2V
33 : 3.3V


Similar Part No. - RT9170

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
RT9172-15CG RICHTEK-RT9172-15CG Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172-15CM RICHTEK-RT9172-15CM Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9170

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
1關A Quiescent Current, 150mA LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
QUIESCENT CURRENT CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com