Electronic Components Datasheet Search
  English  ▼

X  

RT9170 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9170
Description  300mA, 15關A Quiescent Current CMOS LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9170 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9170 Datasheet HTML 1Page - Richtek Technology Corporation RT9170 Datasheet HTML 2Page - Richtek Technology Corporation RT9170 Datasheet HTML 3Page - Richtek Technology Corporation RT9170 Datasheet HTML 4Page - Richtek Technology Corporation RT9170 Datasheet HTML 5Page - Richtek Technology Corporation RT9170 Datasheet HTML 6Page - Richtek Technology Corporation RT9170 Datasheet HTML 7Page - Richtek Technology Corporation RT9170 Datasheet HTML 8Page - Richtek Technology Corporation RT9170 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9170
2
DS9170-11
March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin No.
RT9170-
CV
RT9170-
CB
RT9170-
CX
Pin Name
Pin Function
3
2
2
VIN
Power Input Voltage
2
3
3
VOUT
Output Voltage
1
1
1
GND
Ground
-
5
-
EN
Chip Enable (Active Low)
-
4
-
NC
No Connection
+
-
Current Limit
&
Thermal Shutdown
EN
VIN
VOUT
GND
RT9170-
CB
VIN
EN
VOUT
GND
C
IN
1uF
C
OUT
1uF
V
OUT
Chip Enable
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com