Electronic Components Datasheet Search
  English  ▼

X  

RT9209GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9209GS
Description  Synchronous Buck PWM DC-DC with Enable & PGOOD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9209GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9209GS Datasheet HTML 4Page - Richtek Technology Corporation RT9209GS Datasheet HTML 5Page - Richtek Technology Corporation RT9209GS Datasheet HTML 6Page - Richtek Technology Corporation RT9209GS Datasheet HTML 7Page - Richtek Technology Corporation RT9209GS Datasheet HTML 8Page - Richtek Technology Corporation RT9209GS Datasheet HTML 9Page - Richtek Technology Corporation RT9209GS Datasheet HTML 10Page - Richtek Technology Corporation RT9209GS Datasheet HTML 11Page - Richtek Technology Corporation RT9209GS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9209/A
8
DS9209/A-08 March 2007
www.richtek.com
Reference vs. Temperature
0.788
0.79
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
-35
-15
5
25
45
65
85
105
125
Temperature (
°C)
(
°C)
Oscillator Frequency vs. Temperature
350
360
370
380
390
400
410
-35
-15
5
25
45
65
85
105
125
Temperature
RT9209A
Short Hiccup
Time (25ms/Div)
VOUT
UGATE
Booted from 12V
Short Hiccup
Time (500ms/Div)
VOUT
UGATE
Booted from 5V
PGOOD vs. VOUT
Time (25ms/Div)
PGOOD
VOUT
VCC vs. VSS
Time (5ms/Div)
VCC
VSS
IOUT = 10A
CSS = 0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com