Electronic Components Datasheet Search
  English  ▼

X  

RT9209GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9209GS
Description  Synchronous Buck PWM DC-DC with Enable & PGOOD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9209GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9209GS Datasheet HTML 1Page - Richtek Technology Corporation RT9209GS Datasheet HTML 2Page - Richtek Technology Corporation RT9209GS Datasheet HTML 3Page - Richtek Technology Corporation RT9209GS Datasheet HTML 4Page - Richtek Technology Corporation RT9209GS Datasheet HTML 5Page - Richtek Technology Corporation RT9209GS Datasheet HTML 6Page - Richtek Technology Corporation RT9209GS Datasheet HTML 7Page - Richtek Technology Corporation RT9209GS Datasheet HTML 8Page - Richtek Technology Corporation RT9209GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9209/A
3
DS9209/A-08 March 2007
www.richtek.com
Function Block Diagram
GND
VCC
RT9209/A
BOOT
C
VCC
1uF
C
BOOT
0.1uF
C
OUT
1000uF
L
5uH
MU
D
G
S
Diode
C
IN1
1uF
C
IN2
470uF
GND Return
Layout Placement
Layout Notes
1. Put CIN1 & CIN2 to be near the MU drain and ML source nodes.
2. Put RT9209/A to be near the COUT
3. Put CBOOT as close as to BOOT pin
4. Put CVCC as close as to VCC pin
0.8
Reference
Power on
Reset
Soft Start
+
-
OVP
+
-
UVP
1V
+
-
0.8V
0.5V
Error
Amplifier
+
-
PWM
260kHz/300kHz
Oscillator
Control
Logic
VCC
6.5V
Regulation
GND
FB
VCC
BOOT
UGATE
LGATE
+
SS
PGOOD
PWM Loop
Compensation
+
-
SS
PGOOD
0.72V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com