Electronic Components Datasheet Search
  English  ▼

X  

RT9214GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9214GS
Description  5V/12V Synchronous Buck PWM DC-DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9214GS Datasheet HTML 5Page - Richtek Technology Corporation RT9214GS Datasheet HTML 6Page - Richtek Technology Corporation RT9214GS Datasheet HTML 7Page - Richtek Technology Corporation RT9214GS Datasheet HTML 8Page - Richtek Technology Corporation RT9214GS Datasheet HTML 9Page - Richtek Technology Corporation RT9214GS Datasheet HTML 10Page - Richtek Technology Corporation RT9214GS Datasheet HTML 11Page - Richtek Technology Corporation RT9214GS Datasheet HTML 12Page - Richtek Technology Corporation RT9214GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
RT9214
DS9214-13
September 2007
www.richtek.com
Application Information
Inductor Selection
The selection of output inductor is based on the
considerations of efficiency, output power and operating
frequency. Low inductance value has smaller size, but
results in low efficiency, large ripple current and high output
ripple voltage. Generally, an inductor that limits the ripple
current (
ΔIL) between 20% and 50% of output current is
appropriate. Figure 1 shows the typical topology of
synchronous step-down converter and its related
waveforms.
V
L
V
IN - VOUT
- V
OUT
i
L
I
L = IOUT
Δ
I
L
i
S1
i
S2
T
S
T
ON TOFF
V
g1
V
g2
Figure 1. The waveforms of synchronous step-down
converter
OUT
L
IN
OUT
IN
OUT
IN
OUT
IN
L
V
ΔI
D
VV
L
; Δt; D
Δtfs
V
V
L(V
V
)
Vfs ΔI
−=
=
=
=−
×
××
According to Figure 1 the ripple current of inductor can be
calculated as follows :
(1)
Where :
VIN = Maximum input voltage
VOUT = Output Voltage
Δt = S1 turn on time
ΔIL = Inductor current ripple
fS = Switching frequency
D = Duty Cycle
rC = Equivalent series resistor of output capacitor
Output Capacitor
The selection of output capacitor depends on the output
ripple voltage requirement. Practically, the output ripple
voltage is a function of both capacitance value and the
equivalent series resistance (ESR) rC. Figure 2 shows
the related waveforms of output capacitor.
L
dt =
dt
L
V
OUT
=
V
OR
i
L
i
C
di
L
Δ
I
L
1/2
0
0
Δ
I
L x rc
V
OC
t1
t2
Δ
V
OC
Δ
I
L
V
IN-VOUT
T
S
I
OUT
di
L
Figure 2. The related waveforms of output capacitor
S1
S2
V
IN
i
S1
i
S2
I
OUT
V
OUT
+
-
R
L
r
C
C
OUT
i
C
V
OR
+
-
V
OC
+
-
V
L
+
-
L
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com