Electronic Components Datasheet Search
  English  ▼

X  

RT9214GS Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9214GS
Description  5V/12V Synchronous Buck PWM DC-DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214GS Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9214GS Datasheet HTML 9Page - Richtek Technology Corporation RT9214GS Datasheet HTML 10Page - Richtek Technology Corporation RT9214GS Datasheet HTML 11Page - Richtek Technology Corporation RT9214GS Datasheet HTML 12Page - Richtek Technology Corporation RT9214GS Datasheet HTML 13Page - Richtek Technology Corporation RT9214GS Datasheet HTML 14Page - Richtek Technology Corporation RT9214GS Datasheet HTML 15Page - Richtek Technology Corporation RT9214GS Datasheet HTML 16Page - Richtek Technology Corporation RT9214GS Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
RT9214
DS9214-13
September 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
A
B
J
F
H
M
C
D
I
Y
X
EXPOSED THERMAL PAD
(Bottom of Package)
8-Lead SOP (Exposed Pad) Plastic Package
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
4.801
5.004
0.189
0.197
B
3.810
4.000
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.510
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.170
0.254
0.007
0.010
I
0.000
0.152
0.000
0.006
J
5.791
6.200
0.228
0.244
M
0.406
1.270
0.016
0.050
Option 1
X
2.000
2.300
0.079
0.091
Y
2.000
2.300
0.079
0.091
Option 2
X
2.100
2.500
0.083
0.098
Y
3.000
3.500
0.118
0.138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com