Electronic Components Datasheet Search
  English  ▼

X  

RT9228 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9228
Description  Advanced PWM and Dual Fixed Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9228 Datasheet HTML 1Page - Richtek Technology Corporation RT9228 Datasheet HTML 2Page - Richtek Technology Corporation RT9228 Datasheet HTML 3Page - Richtek Technology Corporation RT9228 Datasheet HTML 4Page - Richtek Technology Corporation RT9228 Datasheet HTML 5Page - Richtek Technology Corporation RT9228 Datasheet HTML 6Page - Richtek Technology Corporation RT9228 Datasheet HTML 7Page - Richtek Technology Corporation RT9228 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9228
1
DS9228-06
March 2007
www.richtek.com
Features
3-in-one Regulated Voltages for Microprocessor
Core, Clock, and GTL
Compatible with HIP6016
Power-good Output Voltage Monitor
Switching Section
5-bit DAC Programmable from 1.3V to 3.5V
±±±±± 1% DAC Accuracy
Fast Transient Response
Full 0% to 100% Duty Cycle Driver
Fixed 200kHz Switching Frequency
Adaptive Non-Overlapping Gate Driver
Over-Current Monitor Uses MOSFET RDS(ON)
Over-Voltage Protection Uses Lower MOSFET
Linear Section
Fixed Linear Regulator Output Voltage
MOSFET or NPN Driving Capability
Ultra Fast Response Speed
Under-Voltage Protection
Internal Thermal Shutdown
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Full Motherboard Power Regulation for Computer
Low-voltage Distributed Power Supplies
Ordering Information
General Description
The RT9228 is a 3-in-one power controller optimized for
high-performance microprocessor and computer
applications. The IC integrates a synchronous buck PWM
controller, a linear regulator, and a linear controller as well
as monitoring and protection functions into a 24-pin SOP
package.
The
PWM
controller
regulates
the
microprocessor core voltage. The linear regulator
provides power for the clock driver circuit and the linear
controller regulates power for the GTL bus.
The RT9228 features an Intel-compatible, TTL 5-bit
programmable DAC that adjusts the core voltage from
2.1V to 3.5V in 0.1V increments and from 1.3V to 2.05V
in 0.05V steps. The 5-bit DAC has a typical
±±±±±1% tolerance.
The linear regulator uses an internal drive device to
provide 2.5V
±±±±±2.5% output voltage. The linear controller
drives an external N-Channel MOSFET or a low cost NPN
bipolar transistor to provide 1.5V
±±±±±2.5%.
The RT9228 monitors all the output voltages. A Power-
good signal is issued when the core voltage is within
±±±±±10%
of the DAC setting and the other levels are above their
under-voltage levels. Additional build-in over-voltage
protection for the core output uses the lower MOSFET to
prevent output voltage above 115% of the DAC setting.
The PWM over-current function monitors the output
current using the voltage drop across the upper
MOSFET's RDS(ON), which eliminates the need for a
current sensing resistor.
(TOP VIEW)
SOP-24
Advanced PWM and Dual Fixed Linear Power Controller
VCC
VID4
VID3
VID2
OCSET1
PGND
LGATE1
UGATE1
VID1
VID0
FB1
VSEN1
PGOOD
PHASE1
NC
FAULT
SS
GATE3
FB3
NC
FB2
VOUT2
GND
VIN2
4
5
6
19
20
21
7
8
9
16
17
18
10
11
12
13
14
15
2
3
22
23
24
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9228
Package Type
S : SOP-24
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9228

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
RT9228CS RICHTEK-RT9228CS Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
More results

Similar Description - RT9228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com