Electronic Components Datasheet Search
  English  ▼

X  

RT9228 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9228
Description  Advanced PWM and Dual Fixed Linear Power Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9228 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9228 Datasheet HTML 1Page - Richtek Technology Corporation RT9228 Datasheet HTML 2Page - Richtek Technology Corporation RT9228 Datasheet HTML 3Page - Richtek Technology Corporation RT9228 Datasheet HTML 4Page - Richtek Technology Corporation RT9228 Datasheet HTML 5Page - Richtek Technology Corporation RT9228 Datasheet HTML 6Page - Richtek Technology Corporation RT9228 Datasheet HTML 7Page - Richtek Technology Corporation RT9228 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9228
2
DS9228-06
March 2007
www.richtek.com
Typical Application Circuit
Function Block Diagram
VIN2
GATE3
FB3
VOUT2
OSET1
PGOOD
UGATE1
PHASE2
RT9228
12
20
7
24
23
13
16
15
VID1
VID2
VID3
VID4
5
2
3
4
VID0
6
FB2
11
LGATE1
PGND
VSEN1
FB1
22
21
19
18
FAULT
SS
8
9
GND
VCC
1
14
C12
0.039uF
C1-4
4 x 1000uF
C20
1uF
R1
10
C5-6
2 x 1uF
1uH
L1
12V
15A
V
OUT3
RFD3055
Q3
C8
1000uF
C9
1000uF
C10
270uF
Q1
PHB95N03LT
Q2
PHB83N03LT
C7
1000pF
R2
1.21K
L2
3.5uH
R3
10K
R4
4.99K
C11
0.68uF
R5
732K
C13-19
7 x 1000uF
F1
5V
GND
1.5V
V
OUT2
2.5V
3.3V
POWERGOOD
V
OUT1
1.3V to 3.5V
+
-
+
-
+
-
+
-
+
-
+
-
Gate
Control
Logic
Power-On
Reset (POR)
FB2
TTL D/A
Converter
(DAC)
PWM
Oscillator
PWM
Comparator
Over Voltage
VCC
110%
90%
115%
Error
Amplifier
DACOUT
VOUT2
FAULT
GND
PGND
LGATE1
PHASE1
UGATE1
PGOOD
Lower
Drive
Compensation
OC1
3.3V
5V
11uA
Inhibit
Soft Start
& Fault Logic
+
-
OC2
+
-
+
-
+
-
+
-
0.3V
1.26V
3.3V
0.25A
FB3
GATE3
VIN2
VSEN1
OCSET1
SS
FB1
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com