Electronic Components Datasheet Search
  English  ▼

X  

RT9243 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9243
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9243 Datasheet HTML 2Page - Richtek Technology Corporation RT9243 Datasheet HTML 3Page - Richtek Technology Corporation RT9243 Datasheet HTML 4Page - Richtek Technology Corporation RT9243 Datasheet HTML 5Page - Richtek Technology Corporation RT9243 Datasheet HTML 6Page - Richtek Technology Corporation RT9243 Datasheet HTML 7Page - Richtek Technology Corporation RT9243 Datasheet HTML 8Page - Richtek Technology Corporation RT9243 Datasheet HTML 9Page - Richtek Technology Corporation RT9243 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RT9243
6
DS9243-07 March 2007
www.richtek.com
Pin Name
VID4
VID3
VID2
VID1
VID0
VID125
Nominal Output Voltage DACOUT
1
1
0
0
1
1
1.225V
1
1
0
0
1
0
1.2375V
1
1
0
0
0
1
1.250V
1
1
0
0
0
0
1.2625V
1
0
1
1
1
1
1.275V
1
0
1
1
1
0
1.2875V
1
0
1
1
0
1
1.300V
1
0
1
1
0
0
1.3125V
1
0
1
0
1
1
1.325V
1
0
1
0
1
0
1.3375V
1
0
1
0
0
1
1.350V
1
0
1
0
0
0
1.3625V
1
0
0
1
1
1
1.375V
1
0
0
1
1
0
1.3875V
1
0
0
1
0
1
1.400V
1
0
0
1
0
0
1.4125V
1
0
0
0
1
1
1.425V
1
0
0
0
1
0
1.4375V
1
0
0
0
0
1
1.450V
1
0
0
0
0
0
1.4625V
0
1
1
1
1
1
1.475V
0
1
1
1
1
0
1.4875V
0
1
1
1
0
1
1.500V
0
1
1
1
0
0
1.5125V
0
1
1
0
1
1
1.525V
0
1
1
0
1
0
1.5375V
0
1
1
0
0
1
1.550V
0
1
1
0
0
0
1.5625V
0
1
0
1
1
1
1.575V
0
1
0
1
1
0
1.5875V
0
1
0
1
0
1
1.600V
Table 1. Output Voltage Program
Note: (1) 0 : Connected to GND
(2) 1 : Open
(3) X : Don
't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com