Electronic Components Datasheet Search
  English  ▼

X  

RT9243 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9243
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9243 Datasheet HTML 6Page - Richtek Technology Corporation RT9243 Datasheet HTML 7Page - Richtek Technology Corporation RT9243 Datasheet HTML 8Page - Richtek Technology Corporation RT9243 Datasheet HTML 9Page - Richtek Technology Corporation RT9243 Datasheet HTML 10Page - Richtek Technology Corporation RT9243 Datasheet HTML 11Page - Richtek Technology Corporation RT9243 Datasheet HTML 12Page - Richtek Technology Corporation RT9243 Datasheet HTML 13Page - Richtek Technology Corporation RT9243 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RT9243
10
DS9243-07 March 2007
www.richtek.com
Differential Amp Falling Slew Rate
Time (50ns/Div)
(500mV/Div)
(500mV/Div)
The Bandwidth of Differential Amplifier
Time (25ns/Div)
(200mV/Div)
(200mV/Div)
fBandwidth = 17MHz
VPP-DIFF = 0.707VPP-IN
Start-up Waveforms @IOUT = 60A
Time (5ms/Div)
(5V/Div)
(2V/Div)
(10V/Div)
(20V/Div)
VSS
PWM
LGATE
UGATE
Current Sharing at IOUT = 80A
Time (2.5
μs/Div)
(5V/Div)
(5A/Div)
PWM
Inductor
Current
Over Current Protection
Time (25ms/Div)
(5V/Div)
(5V/Div)
(5V/Div)
(5V/Div)
VSS
PWM1
PWM3
PWM2
VOUT
PGOOD
PGOOD Waveform
Time (5ms/Div)
(1V/Div)
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com