Electronic Components Datasheet Search
  English  ▼

X  

RT9262PS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9262PS
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262PS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9262PS Datasheet HTML 2Page - Richtek Technology Corporation RT9262PS Datasheet HTML 3Page - Richtek Technology Corporation RT9262PS Datasheet HTML 4Page - Richtek Technology Corporation RT9262PS Datasheet HTML 5Page - Richtek Technology Corporation RT9262PS Datasheet HTML 6Page - Richtek Technology Corporation RT9262PS Datasheet HTML 7Page - Richtek Technology Corporation RT9262PS Datasheet HTML 8Page - Richtek Technology Corporation RT9262PS Datasheet HTML 9Page - Richtek Technology Corporation RT9262PS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9262/A
Preliminary
8
DS9262/A-11 March 2007
www.richtek.com
Applications Information
Output Voltage Setting
Referring to application circuits Figure 1 to Figuer 5 the
output voltage of the switching regulator (VOUT1) can be
set with Equation (1).
The LDO output voltage (VOUT2 of RT9262) can be set
with Equation (2).
(1)
(2)
And trip point of the low battery detector is 0.86V at LBI
pin of RT9262A.
Feedback Loop Design
Referring to application circuits Figure 1 to Figure 5. The
selection of R1, R2, R3, and R4 based on the trade-off
between quiescent current consumption and interference
immunity is stated below:
Follow Equation (1) and Equation (2).
Higher R reduces the quiescent current (Path current
= 1.25V/R2, and 0.86V/R3), however resistors beyond
5MW are not recommended.
Lower R gives better noise immunity, and is less
sensitive to interference, layout parasitics, FB/LFB node
leakage, and improper probing to FB/LFB pins.
A proper value of feed forward capacitor parallel with
R1 (or R4) on Figure 1 to Figure 5 can improve the
noise immunity of the feedback loops, especially in an
improper layout. An empirical suggestion is around
100pF ~ 1nF for feedback resistors of MW, and 10nF~
0.1
μF for feedback resistors of tens to hundreds kΩ.
For applications without standby or suspend modes, lower
values of R1 to R4 are preferred. For applications
concerning the current consumption in standby or
suspend modes, the higher values of R1 to R4 are
needed. Such
"high impedance feedback loops" are
sensitive to any interference, which require careful layout
and avoid any interference, e.g. probing to FB/LFB pins.
V
25
.
1
)
2
R
1
R
1
(
V
1
OUT
×
+
=
V
86
.
0
)
3
R
4
R
1
(
V
2
OUT
×
+
=
PRECAUTION 1: Improper probing to FB or LFB
pin will cause fluctuation at VOUT1 and VOUT2. It
may
damage RT9262/A and system chips
because VOUT1 may drastically rise to an over-
rated level due to unexpected interference or
parasitics being added to FB pin.
PRECAUTION 2: Disconnecting R1 or short circuit
across R2 may also cause similar IC damage as
described in precaution 1.
PRECAUTION 3: When large R values were used
in feedback loops, any leakage in FB/LFB node
may also cause VOUT1 and VOUT2 voltage
fluctuation, and IC damage. To be especially
highlight here is when the air moisture frozen and
re-melt on the circuit board may cause several
mA leakage between IC or component pins. So,
when large R values are used in feedback loops,
post coating, or some other moisture-preventing
processes are recommended.
Layout Guide
A full GND plane without gap break.
VOUT1 to GND noise bypass
−Short and wide connection
for C2 to Pin1 and Pin6.
VIN to GND noise bypass - Add a 100
μF capacitor close
to L1 inductor, when VIN is not an idea voltage source.
Minimized FB/LFB node copper area and keep far away
from noise sources.
Minimized parasitic capacitance connecting to LX and
EXT nodes, which may cause additional switching loss.
The following diagram is an example of 2-layer board
layout for application circuits Figure 1 to Figure 4.
Prober Parasitics
FB Pin
R1
R2
VOUT1
_
Q
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com