Electronic Components Datasheet Search
  English  ▼

X  

RT9262PS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9262PS
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262PS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9262PS Datasheet HTML 1Page - Richtek Technology Corporation RT9262PS Datasheet HTML 2Page - Richtek Technology Corporation RT9262PS Datasheet HTML 3Page - Richtek Technology Corporation RT9262PS Datasheet HTML 4Page - Richtek Technology Corporation RT9262PS Datasheet HTML 5Page - Richtek Technology Corporation RT9262PS Datasheet HTML 6Page - Richtek Technology Corporation RT9262PS Datasheet HTML 7Page - Richtek Technology Corporation RT9262PS Datasheet HTML 8Page - Richtek Technology Corporation RT9262PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9262/A
Preliminary
1
DS9262/A-11 March 2007
www.richtek.com
Features
1.0V Low Start-up Input Voltage
High Supply Capability to Deliver 3.3V 100mA with
1V Input Voltage
17
μμμμμA Quiescent (Switch-off) Supply Current
90% Efficiency
550kHz Fixed Switching Rate
Providing Flexibility for Using Internal and External
Power Switches
Built-in 300mA LDO, also for the Zero-Output-
Current Shutdown Mode (RT9262)
Boost DC-DC Integrating LDO for Up-Down
Regulation (RT9262)
Built-in 0.86V Voltage Detector (RT9262A)
8-Pin SOP Package
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
High Efficiency, Low Supply Current, Step-up DC/DC Converter
Ordering Information
General Description
The RT9262/A is a compact, high efficient, step-up
DC/DC converter with an adaptive current mode PWM
control loop, providing a stable and high efficient operation
over a wide range of load currents. It operates in both
continuous and discontinuous current modes in stable
waveforms without external compensation.
The low start-up input voltage below 1V makes
RT9262/A suitable for 1 to 4 battery cell applications
providing up to 400mA output current. The 550kHz high
switching rate minimized the size of external components.
Besides, the 17
μA low quiescent current together with
high efficiency maintains long battery lifetime.
The 1.8V to 5V output voltage is set with 2 external
resistors. Both internal 2A switch and driver for driving
external power devices (NMOS or NPN) are provided.
A 300mA LDO is included in RT9262 to provide a
secondary low noise output as well as an output current
stop in the shutdown mode. Similarly, a 1.8V to 5V LDO
output voltage can be set with 2 external resistors. For
RT9262A, a low battery detector with 0.86V detection
voltage is included. RT9262/A are provided in SOP-8
packages.
(TOP VIEW)
SOP-8
RT9262CS
RT9262ACS
GND
EXT
LFB
LDO O
FB
VDD
LX
EN
2
3
4
5
6
7
8
GND
EXT
LBO
LBI
FB
VDD
LX
EN
2
3
4
5
6
7
8
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
Applications
PDA
Portable Instrument
Wireless Equipment
DSC
LCD Back Bias Circuit
RF-Tags
RT9262/A
Package Type
S : SOP-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Include Low Battery Detector
Include LDO


Similar Part No. - RT9262PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9262A RICHTEK-RT9262A Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9262ACS RICHTEK-RT9262ACS Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9262CS RICHTEK-RT9262CS Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
More results

Similar Description - RT9262PS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com