Electronic Components Datasheet Search
  English  ▼

X  

RT9263 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9263
Description  High Efficiency, Low Supply Current, Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9263 Datasheet HTML 1Page - Richtek Technology Corporation RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9263
Preliminary
4
DS9263-09
March 2007
www.richtek.com
Functional Pin Description
Pin No.
RT9263CCX5 RT9263ECX5
Pin Name Pin Function
--
1
EXT
Output Pin for Driving External NMOS or NPN
When driving an NPN, a resistor should be added for limiting base
1
--
EN
Chip Enable Pin (Active High)
2
2
VDD
Input Positive Power Pin of RT9263
3
3
FB
Feedback Input Pin
Internal reference voltage for the error amplifier is 1.25V.
4
4
LX
Pin for Switching
5
5
GND
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com