Electronic Components Datasheet Search
  English  ▼

X  

RT9263 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9263
Description  High Efficiency, Low Supply Current, Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9263 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9263 Datasheet HTML 1Page - Richtek Technology Corporation RT9263 Datasheet HTML 2Page - Richtek Technology Corporation RT9263 Datasheet HTML 3Page - Richtek Technology Corporation RT9263 Datasheet HTML 4Page - Richtek Technology Corporation RT9263 Datasheet HTML 5Page - Richtek Technology Corporation RT9263 Datasheet HTML 6Page - Richtek Technology Corporation RT9263 Datasheet HTML 7Page - Richtek Technology Corporation RT9263 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RT9263
Preliminary
7
DS9263-09
March 2007
www.richtek.com
Application Information
Output Voltage Setting
Referring to application circuits Figure 1 to Figure 4 the
output voltage of the switching regulator (VOUT1) can be
set with Equation (1).
(1)
×
OUT1
R1
V
= (1+
) 1.25V
R2
Feedback Loop Design
Referring to application circuits Figure 1 to Figure 4. The
selection of R1 and R2 based on the trade-off between
quiescent current consumption and interference immunity
is stated below:
Follow Equation (1)
Higher R reduces the quiescent current (Path current
= 1.25V/R2), however resistors beyond 5MW are not
recommended.
Lower R gives better noise immunity, and is less
sensitive to interference, layout parasitics, FB node
leakage, and improper probing to FB pins.
A proper value of feed forward capacitor parallel with
R1 on Figure 1 to Figure 4 can improve the noise
immunity of the feedback loops, especially in an
improper layout. An empirical suggestion is around
100pF ~ 1nF for feedback resistors of M
Ω, and 10nF ~
0.1
μF for feedback resistors of tens to hundreds KΩ.
For applications without standby or suspend modes, lower
values of R1, and R2 are preferred. For applications
concerning the current consumption in standby or
suspend modes, the higher values of R1, and R2 are
needed. Such “high impedance feedback loops” are
sensitive to any interference, which require careful layout
and avoid any interference, e.g. probing to FB pins.
PRECAUTION 1: Improper probing to FB pin will
cause fluctuation at VOUT1. It may damage RT9263
and system chips because VOUT1 may drastically
rise to an over-rated level due to unexpected
interference or parasitics being added to FB pin.
PRECAUTION 2: Disconnecting R1 or short circuit
across R2 may also cause similar IC damage as
described in precaution 1.
PRECAUTION 3: When large R values were used
in feedback loops, any leakage in FB node may
also cause VOUT1 voltage fluctuation, and IC
damage. To be especially highlight here is when
the air moisture frozen and re-melt on the circuit
board may cause several mA leakage between IC
or component pins. So, when large R values are
used in feedback loops, post coating, or some
other moisture-preventing processes are
recommended.
Layout Guide
A full GND plane without gap break.
VOUT1 to GND noise bypass
− Short and wide connection
for C2 to Pin2 and Pin5.
VIN to GND noise bypass
−Add a 100μF capacitor close
to L1 inductor, when VIN is not an idea voltage source.
Minimized FB node copper area and keep far away from
noise sources.
Minimized parasitic capacitance connecting to LX and
EXT nodes, which may cause additional switching loss.
Prober Parasitics
FB Pin
R1
R2
V
OUT1
_
Q
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com