Electronic Components Datasheet Search
  English  ▼

X  

RT9271 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9271
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9271 Datasheet HTML 1Page - Richtek Technology Corporation RT9271 Datasheet HTML 2Page - Richtek Technology Corporation RT9271 Datasheet HTML 3Page - Richtek Technology Corporation RT9271 Datasheet HTML 4Page - Richtek Technology Corporation RT9271 Datasheet HTML 5Page - Richtek Technology Corporation RT9271 Datasheet HTML 6Page - Richtek Technology Corporation RT9271 Datasheet HTML 7Page - Richtek Technology Corporation RT9271 Datasheet HTML 8Page - Richtek Technology Corporation RT9271 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9271
4
DS9271-13 March 2007
www.richtek.com
Electrical Characteristics
(VCC = 3.6V, TA = 25°C, unless otherwise specified.)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC --------------------------------------------------------------------------------------------------
−0.3V to 7V
LX, OVP -----------------------------------------------------------------------------------------------------------------
−0.3V to 21V
The Other Pins ---------------------------------------------------------------------------------------------------------
−0.3V to 7V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 ---------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 4)
SOT-23-6,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
Maximum Junction Temperature ----------------------------------------------------------------------------------- 125
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC -------------------------------------------------------------------------------------------------- 2.4V to 6V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
System Supply Input
Under Voltage Lock Out
UVLO
1.8
2.2
2.3
V
Maximum Output Voltage
--
--
20
V
Supply Current
ICC1
VCC=6V, Continuously Switching
--
--
2
mA
Quiescent Current
ICC2
VCC=6V, FB=1.3V, No Switching
50
90
120
μA
Shut Down Current
ICC3
VCC=6V, VEN<0.4V
--
0.1
1
μA
Oscillator
Operation Frequency
FOSC
0.9
1.1
1.3
MHz
Maximum Duty Cycle
Dmax
85
90
--
%
Reference Voltage
Feedback Voltage
VFB
0.237
0.25
0.263
V
MOSFET
On Resistance of MOSFET
Rds(on)
0.5
0.75
1.0
Ω
Current Limit
Imax1
Normal Operation
800
900
1000
mA
Current Limit
Imax2
Start up Condition
500
625
750
mA
Control and Protection
Shut Down Voltage
VEN1
0.4
0.8
--
V
Enable Voltage
VEN2
--
0.8
1.4
V
EN Pin Pull Low Current
IEN
--
4
6
μA
OVP Threshold (Note 5)
OVP
14.5
15.5
20.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com