Electronic Components Datasheet Search
  English  ▼

X  

RT9271 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9271
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9271 Datasheet HTML 2Page - Richtek Technology Corporation RT9271 Datasheet HTML 3Page - Richtek Technology Corporation RT9271 Datasheet HTML 4Page - Richtek Technology Corporation RT9271 Datasheet HTML 5Page - Richtek Technology Corporation RT9271 Datasheet HTML 6Page - Richtek Technology Corporation RT9271 Datasheet HTML 7Page - Richtek Technology Corporation RT9271 Datasheet HTML 8Page - Richtek Technology Corporation RT9271 Datasheet HTML 9Page - Richtek Technology Corporation RT9271 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9271
6
DS9271-13 March 2007
www.richtek.com
Typical Operating Characteristics
Frequency vs. VIN
0.7
0.8
0.9
1
1.1
1.2
1.3
23456
VIN (V)
Driving 3 WLEDs
TA = 25
°C
VIN vs. Temperature
2
2.2
2.4
2.6
2.8
3
20
30
40
50
60
70
Temperature (°C)
Minimum Input Voltage vs. Temperature
for Delivering Full Brightness
3 WLEDs
VFB vs. Temperature
230
235
240
245
250
255
260
0
10
2030
4050
6070
Temperature
Driving 3 WLEDs
VIN = 3.6V
(
°C)
Efficiency vs. VIN (Driving 2 WLEDs)
80
81
82
83
84
85
86
87
88
89
90
23456
VIN (V)
TA = 25
°C
IO = 20mA
IO = 15mA
Efficiency vs. VIN (Driving 1 WLED)
82
83
84
85
86
87
88
89
90
91
92
22.5
33.5
4
VIN (V)
TA = 25
°C
IO = 20mA
IO = 15mA
Efficiency vs. VIN (Driving 3 WLEDs)
80
81
82
83
84
85
86
87
88
89
90
23456
VIN (V)
IO = 20mA
IO = 15mA
TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com