Electronic Components Datasheet Search
  English  ▼

X  

RT9272 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9272
Description  High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9272 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9272 Datasheet HTML 1Page - Richtek Technology Corporation RT9272 Datasheet HTML 2Page - Richtek Technology Corporation RT9272 Datasheet HTML 3Page - Richtek Technology Corporation RT9272 Datasheet HTML 4Page - Richtek Technology Corporation RT9272 Datasheet HTML 5Page - Richtek Technology Corporation RT9272 Datasheet HTML 6Page - Richtek Technology Corporation RT9272 Datasheet HTML 7Page - Richtek Technology Corporation RT9272 Datasheet HTML 8Page - Richtek Technology Corporation RT9272 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9272
Preliminary
1
DS9272-09
August 2007
www.richtek.com
Pin Configurations
High Performance, Constant Current LED Driver for Dual
Panel Mobile Phone
Ordering Information
(TOP VIEW)
VDFN-10L 3x3
General Description
The RT9272 is a high efficiency step-up DC-DC converter
specifically designed for dual panel mobile phone
applications.
According to SP status, RT9272 can either regulates output
current flowing through series-connected LEDs for main
panel or for sub panel with a common output LC filter. This
along with compact VDFN-10L 3x3 package and high
switching frequency allows less part count and smaller
external components for space and cost saving.
Pulling low EN pin shuts down the chip and reduces the
supply current to less than 1
μA. The EN pin also accepts
PWM signal for LED brightness dimming control. The
averaged LED current is well proportional to the duty cycle
of the PWM signal. The internal soft start reduces inrush
current during EN turning on or PWM dimming control.
Other features include OVP, OCP and OTP. OVP prevents
the damages in case of feedback loop open.
Features
Low VIN Operating Range : 2.7V to 4.5V
Maximum Output Voltage up to 16V
Small LC filter by 1.1MHz Operation Frequency
Share One Set of Inductor and Schottky Diode for
2 Channels
Programmable Dimming Function by EN Pin with
100Hz to 1kHz
40
μμμμμA Quiescent Current (Switch-Off)
Internal Soft-Start Function to Avoid PWM Dimming
Noise.
Zero Shut Down Supply Current
Complete Protection : OVP, OCP, OTP and SS
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Dual panel mobile phone, with LED backlight
Typical Application Circuit
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Figure 1. 2LEDs for Sub panel and 3LEDs for Main panel
GND
CH1
RT9272
OVP
CH2
FB2
FB1
VCC
LX
EN
SP
Sub-Panel
Main Panel
V
IN
1
2
3
4
5
6
7
8
9
10
1uF
L
2.2uF
Chip Enable
C
OUT
DSH
SS0520
C
IN
R1
R2
4.7uF
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9272
Package Type
QV : VDFN-10L 3x3 (V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
GND
FB2
CH1
VCC
LX
SP
OVP
FB1
EN
CH2
9
8
7
1
2
3
4
5
10
6
11


Similar Part No. - RT9272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
More results

Similar Description - RT9272

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
6-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
4-Parallel white-LED Driver for mobile phone
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
6-Parallel white-LED Driver for mobile phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
VCM Driver for Mobile Phone
logo
Richtek Technology Corp...
RT9273 RICHTEK-RT9273 Datasheet
297Kb / 14P
High Performance, OLED LED Driver for Dual Panel Mobile Phone
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
Motor Driver for Mobile Phone
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
VCM Driver for Mobile Phone
logo
Rohm
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
4-Parallel white-LED Driver for mobile phone
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
RGB Illumination LED Driver for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com