Electronic Components Datasheet Search
  English  ▼

X  

RT9272 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9272
Description  High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9272 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9272 Datasheet HTML 1Page - Richtek Technology Corporation RT9272 Datasheet HTML 2Page - Richtek Technology Corporation RT9272 Datasheet HTML 3Page - Richtek Technology Corporation RT9272 Datasheet HTML 4Page - Richtek Technology Corporation RT9272 Datasheet HTML 5Page - Richtek Technology Corporation RT9272 Datasheet HTML 6Page - Richtek Technology Corporation RT9272 Datasheet HTML 7Page - Richtek Technology Corporation RT9272 Datasheet HTML 8Page - Richtek Technology Corporation RT9272 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9272
Preliminary
2
DS9272-09
August 2007
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
GND
Ground.
2
FB2
Feedback 2. Internal feedback voltage to set FB current of Ch2 as SP pin pull high.
3
CH2
Channel 2. Internal FB loop. Connect the cathode of LED to this pin.
4
VCC
Voltage Input Pin. Bypass a 2.2uF capacitor to GND to reduce the input noise.
5
CH1
Channel 1. Internal FB loop. Connect the cathode of LED to this pin.
6
FB1
Feedback 1. Internal feedback voltage to set FB current of Ch1 as SP pin pull low
7
EN
Chip Enable Pin. Pull low or floating this pin to disable the system. Using a PWM
signal on CE pin can achieve the dimming control.
8
OVP
Over Voltage Protection. Detect over voltage condition and latch system until SP, EN
or UVLO reset. Connect directly to the output capacitor.
9
SP
Selection Pin. Internal MOSFET selection. Pull low to turn on the internal Ch1. Pull
high to turn on Ch2. As SP input signal change, internal MOSFET of LX pin will turn
off 1ms to prevent the over voltage damage by the output voltage instant change.
10
LX
Switch Pin. Connect this pin to inductor and schottky diode. Minimize the track area
to reduce EMI.
Exposed Pad (11) NC
No Internal Connection.
Figure 1. 2LEDs for Sub panel and 4LEDs for Main panel
Note:
L : Measured by Murate LQH32C_53 series 4.7
μH with DCR = 0.15Ω
GND
CH1
RT9272
OVP
CH2
FB2
FB1
VCC
LX
EN
SP
Sub-Panel
Main Panel
V
IN
1
2
3
4
5
6
7
8
9
10
1uF
L
2.2uF
Chip Enable
C
OUT
DSH
SS0520
C
IN
R1
R2
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com