Electronic Components Datasheet Search
  English  ▼

X  

RT9302 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9302
Description  60mA 3-Channel Pulse Dimming Current Source LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9302 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9302 Datasheet HTML 1Page - Richtek Technology Corporation RT9302 Datasheet HTML 2Page - Richtek Technology Corporation RT9302 Datasheet HTML 3Page - Richtek Technology Corporation RT9302 Datasheet HTML 4Page - Richtek Technology Corporation RT9302 Datasheet HTML 5Page - Richtek Technology Corporation RT9302 Datasheet HTML 6Page - Richtek Technology Corporation RT9302 Datasheet HTML 7Page - Richtek Technology Corporation RT9302 Datasheet HTML 8Page - Richtek Technology Corporation RT9302 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9302
4
DS9302-02
March 2007
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input
Input Supply Voltage
VIN
2.8
--
5.5
V
Under Voltage Lockout Threshold
VIN falling
--
2.0
--
V
Under Voltage Lockout Hysteresis
--
200
--
mV
Shutdown Current
ISHDN
VEN = 0V
--
4
10
μA
Quiescent Current
IQ
VEN = High, IOUT = 0
--
0.4
--
mA
Output
Output Current
ILED
100% setting, VLED = 1V
18.4
20
21.6
mA
Current Matching
ILED-LED
100% setting, VLED = 1V
−5
0
+5
%
Dropout Voltage
VLED
90% of full output current
--
40
150
mV
Enable
Logic-High VIH
1.5
--
--
V
EN Threshold Voltage
Logic-Low VIL
--
--
0.4
V
Logic-High THI
Duration of EN Logic High for pulse
dimming
0.5
--
--
μs
Time of EN Logic
Logic-Low TLO
Duration of EN Logic Low for pulse
dimming
0.5
--
10
μs
Shutdown Delay
TSHDN
From EN Low to Shutdown
10
16
20
μs
EN Input Current
IEN
VEN = 1.8V
--
1
--
μA
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------------
−0.3V to 6V
VIN, EN to GND ------------------------------------------------------------------------------------------------------------ 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-8 ------------------------------------------------------------------------------------------------------------------- 0.455W
Package Thermal Resistance (Note 4)
TSOT-23-8,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 3)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.6V, CIN = 1uF, ESR = 0.03
Ω, VF = 3.4V, ILED1 = ILED2 = ILED3 = 20mA, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com