Electronic Components Datasheet Search
  English  ▼

X  

RT9302 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9302
Description  60mA 3-Channel Pulse Dimming Current Source LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9302 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9302 Datasheet HTML 1Page - Richtek Technology Corporation RT9302 Datasheet HTML 2Page - Richtek Technology Corporation RT9302 Datasheet HTML 3Page - Richtek Technology Corporation RT9302 Datasheet HTML 4Page - Richtek Technology Corporation RT9302 Datasheet HTML 5Page - Richtek Technology Corporation RT9302 Datasheet HTML 6Page - Richtek Technology Corporation RT9302 Datasheet HTML 7Page - Richtek Technology Corporation RT9302 Datasheet HTML 8Page - Richtek Technology Corporation RT9302 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9302
3
DS9302-02
March 2007
www.richtek.com
Functional Pin Description
Pin Number
Pin Name Pin Function
1
LED3
Current Sink for LED3. (If not in use, this pin must be connected to VIN)
2, 5
NC
No Internal Connection.
3
GND
Power Ground.
4
VIN
Input Voltage.
6
EN
Chip Enable.
7
LED1
Current Sink for LED1. (If not in use, this pin must be connected to VIN)
8
LED2
Current Sink for LED2. (If not in use, this pin must be connected to VIN)
Function Block Diagram
1MHz
Oscillator
16 steps
Pulse Dimming
Controller
Shut Down
Delay
UVLO
Low Dropout
Current Source
EN
GND
VIN
LED1
LED2
LED3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com