Electronic Components Datasheet Search
  English  ▼

X  

2N3501 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 2N3501
Description  NPN Transistor Bare Die
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N3501 Datasheet(HTML) 1 Page - Silicon Supplies

  2N3501 Datasheet HTML 1Page - Silicon Supplies 2N3501 Datasheet HTML 2Page - Silicon Supplies 2N3501 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev 1.0
31/01/25
General purpose high voltage amplifier in bare die form
Complement to PNP 2N5401
NPN Transistor Bare Die, 2N3501
Features:
Die Dimensions in µm (mils)
660 (25.98)
100
(3.94)
100
(3.94)
E
B
B
E
High Breakdown Voltage
Low VCE(sat)
Characterized at temperature extremes
High Reliability Gold Back Metal
High Reliability tested grades for Military + Space
Ordering Information:
The following part suffixes apply:
No suffix - MIL-STD-750 /2072 Visual Inspection
“H” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
E = EMITTER B = BASE
DIE BACK = COLLECTOR
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
Die Size
(Excluding Saw Street)
660 x 660
25.98 x 25.98
µm
mils
Base & Emitter Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
230 (±20)
9.06 (±0.79)
µm
mils
Top Metal Composition
Al - 2.6µm
Back Metal Composition
AuAs - 0.9µm
Page 1 of 3
www.siliconsupplies.com


Similar Part No. - 2N3501

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3501 SEMICOA-2N3501 Datasheet
32Kb / 1P
Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3501 BOCA-2N3501 Datasheet
169Kb / 5P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
69Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3501 CENTRAL-2N3501 Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3501

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
BC107B SS-BC107B Datasheet
1Mb / 4P
NPN Transistor Bare Die
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N6045 SS-2N6045 Datasheet
3Mb / 4P
NPN Transistor Bare Die
Rev 1.0 12/07/23
2N3055 SS-2N3055 Datasheet
230Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122 Datasheet
214Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122_V01 Datasheet
210Kb / 2P
NPN Transistor Bare Die
Rev 1.0 19/12/23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com