Electronic Components Datasheet Search
  English  ▼

X  

MK20 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # MK20
Description  MK20/1 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK20 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  MK20 Datasheet HTML 1Page - Standex Electronics, Inc. MK20 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Global Leader in the Design, Development, and
Manufacture of Sensor and Magnetic Components
MK20/1 Series
Reed Sensors
 Features: Cylindrical Reed Sensor, Choice of Cable Termination & Lengths available, Various Case Sizes
 Applications: Door & Window Contacts, With Magnetic Floats for Water Level Detection, Position Sensing
 Markets: Appliance, Industrial, Security & Others
Modifications in the sense of technical progress are reserved.
Part Description:
MK 20 / 1 - X - 000 X
Contact Data
Switch Model
Unit
80 (A-NO)
Rated Power (max.)
Any DC combination of V&A not to exceed their individual max.’s
10
W
Switching Voltage (max.)
DC or peak AC
170
V
Switching Current (max.)
DC or peak AC
0.5
A
Carry Current (max.)
DC or peak AC
0.5
A
Contact Resistance (max.)
@ 0.5V & 50mA
200
mOhm
Breakdown Voltage (min.)
According to EN60255-5
0.21
kVDC
Operating Time (max.)
Incl. Bounce; Measured with w/ Nominal Voltage
0.6
ms
Release Time (max.)
Measured with no Coil Excitation
0.05
ms
Insulation Resistance (typ.)
Rh<45%, 100V Test Voltage
109
Ohm
Capacitance (typ.)
@ 10kHz across open Switch
0.4
pF
USA:
+1.866.782.6339
│
salesusa@standexmeder.com
Europe:
+49.7731.8399.0
│
info@standexmeder.com
Asia:
+86.21.37820625
│
salesasia@standexmeder.com
Magnetic Sensitivity
Cable Length (mm)
Termination
B, C, D, E
100, 200, 300, 500
W (5mm uninsulated & tinned)
Version 02
21.03.2016
M. Reizner
Please note: All technical specifications on this datasheet refer to the standard product range. For deviating values, please contact us!
Series Datasheet – MK20/1 Reed Sensors
www.standexmeder.com


Similar Part No. - MK20

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
MK20 HELLERMANNTYTON-MK20 Datasheet
131Kb / 1P
Application Tooling for Cable Ties
October 2015
logo
Meder Electronic
MK20-1-B-100W MEDER-MK20-1-B-100W Datasheet
69Kb / 1P
MK Reed Sensors
MK20-1-B-100W MEDER-MK20-1-B-100W Datasheet
170Kb / 3P
Cylindrical Reed Sensors
MK20-1-B-100W MEDER-MK20-1-B-100W Datasheet
187Kb / 1P
MK Reed Sensor
MK20-1-B-100W MEDER-MK20-1-B-100W_11 Datasheet
187Kb / 1P
MK Reed Sensor
More results

Similar Description - MK20

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9231291520 MEDER-9231291520 Datasheet
122Kb / 2P
Reed Sensors
logo
Littelfuse
59010 LITTELFUSE-59010 Datasheet
388Kb / 3P
Reed Sensors
59021 LITTELFUSE-59021 Datasheet
421Kb / 3P
Reed Sensors
59065 LITTELFUSE-59065 Datasheet
587Kb / 3P
Reed Sensors
59090 LITTELFUSE-59090 Datasheet
442Kb / 3P
Reed Sensors
59135 LITTELFUSE-59135 Datasheet
585Kb / 3P
Reed Sensors
59140 LITTELFUSE-59140 Datasheet
607Kb / 3P
Reed Sensors
59145 LITTELFUSE-59145 Datasheet
572Kb / 3P
Reed Sensors
59210 LITTELFUSE-59210 Datasheet
237Kb / 2P
Reed Sensors
59250 LITTELFUSE-59250 Datasheet
410Kb / 3P
Reed Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com