Electronic Components Datasheet Search
  English  ▼

X  

MK20 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # MK20
Description  MK20/1 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK20 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  MK20 Datasheet HTML 1Page - Standex Electronics, Inc. MK20 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Glossary Contact Form
Form A
NO = Normally Open Contacts
SPST = Single Pole Single Throw
Dimensions
Series Datasheet – MK20/1 Reed Sensors
www.standexmeder.com
Housing and Cable Specifications
Housing Material
PBT 30% GF
Case Color
Black
Sealing Compound
Polyurethan
Cable Typ
Single Wires
Cable Material
PVC
Cross Section (mm²)
2 x 0.06
Environmental Data
Unit
Shock Resistance (max.)
1/2 sine wave duration 11ms
50
G
Vibration Resistance (max.)
20
G
Operating Temperature
Cable not moved
-30 to 70
°
C
Operating Temperature
Cable moved
-5 to 70
°
C
Storage Temperature
-30 to 70
°
C
General Handling & Assembly Instructions
 Max torque on housing is 1Nm
 Cable bending-radius is diameter x 15
 Min. bending distance to housing is 5mm
 Drag mark out of the mounting area forbidden
 Decrease switching distance by mounting on iron
 Do not use magnetically inductive screws
 Series resistor recommended for > 5m cable length
 Load increase reduces life expectancy of Reed Switches
Glossary Magnetic Sensitivity
Sens.
B
C
D
E
AT
10-15
15-20
20-25
25-30
A Global Leader in the Design, Development, and
Manufacture of Sensor and Magnetic Components
Modifications in the sense of technical progress are reserved.
USA:
+1.866.782.6339
│
salesusa@standexmeder.com
Europe:
+49.7731.8399.0
│
info@standexmeder.com
Asia:
+86.21.37820625
│
salesasia@standexmeder.com
Version 02
21.03.2016
M. Reizner
Please note: All technical specifications on this datasheet refer to the standard product range. For deviating values, please contact us!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com