Electronic Components Datasheet Search
  English  ▼

X  

2201455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201455
Description  BC 161,6 OT 0C0C0C0C22 KMGY - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201455 Datasheet HTML 1Page - PHOENIX CONTACT 2201455 Datasheet HTML 2Page - PHOENIX CONTACT 2201455 Datasheet HTML 3Page - PHOENIX CONTACT 2201455 Datasheet HTML 4Page - PHOENIX CONTACT 2201455 Datasheet HTML 5Page - PHOENIX CONTACT 2201455 Datasheet HTML 6Page - PHOENIX CONTACT 2201455 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing for use in distribution boards in accordance with DIN 43880, modular upper
housing part, width: 161.6 mm, height: 89.7 mm, depth: 54.85 mm, color: light gray (similar RAL
7035)
Your advantages
Coordinated housing and connection system for faster device development
•
Individual online configuration for diverse applications in building automation
•
Variety of connection technology
•
Can be mounted on the DIN rail or the wall
•
With DIN-rail-mountable bus connector and power connector system as an option
•
Tool-free mounting
•
Available in overall widths from 1 ... 9 width units (17.8 mm ... 161.6 mm)
•
Compliant with DIN EN 43880
•
Commercial data
Item number
2201455
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AC10
Product key
ACHBAB
GTIN
4046356806244
Weight per piece (including packing)
66.99 g
Weight per piece (excluding packing)
52.57 g
Customs tariff number
84879090
Country of origin
DE
BC 161,6 OT 0C0C0C0C22 KMGY - Upper housing
part
2201455
https://www.phoenixcontact.com/us/products/2201455
Feb 11, 2025, 4:26 AM
Page 1 (7)


Similar Part No. - 2201455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201450 PHOENIX-2201450 Datasheet
349Kb / 7P
BC 161,6 OT 000020 KMGY - Upper housing part
2201451 PHOENIX-2201451 Datasheet
349Kb / 7P
BC 161,6 OT 002000 KMGY - Upper housing part
2201452 PHOENIX-2201452 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
2201453 PHOENIX-2201453 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
2201454 PHOENIX-2201454 Datasheet
172Kb / 11P
Upper part of housing - BC 161,6 OT 000022 KMGY
09/12/2020
More results

Similar Description - 2201455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201454 PHOENIX-2201454 Datasheet
172Kb / 11P
Upper part of housing - BC 161,6 OT 000022 KMGY
09/12/2020
2202284 PHOENIX-2202284 Datasheet
52Kb / 2P
Electronic housing - BC 161,6 OT 001101 KMGY
11/05/2018
2202324 PHOENIX-2202324 Datasheet
51Kb / 2P
Electronic housing - BC 161,6 OT 101100 KMGY VPE80
11/05/2018
2202638 PHOENIX-2202638 Datasheet
52Kb / 2P
Electronic housing - BC 161,6 OT 111112 KMGY
11/05/2018
2203095 PHOENIX-2203095 Datasheet
51Kb / 2P
Electronic housing - BC 161,6 OT 111101 KMGY
11/05/2018
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2896089 PHOENIX-2896089 Datasheet
175Kb / 12P
Upper part of housing - BC 107,6 OT U22 KMGY
09/12/2020
1340864 PHOENIX-1340864 Datasheet
513Kb / 12P
Upper part of housing - BC 71,6 OT 2P2K00C KMGY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com