Electronic Components Datasheet Search
  English  ▼

X  

2201455 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201455
Description  BC 161,6 OT 0C0C0C0C22 KMGY - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201455 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201455 Datasheet HTML 1Page - PHOENIX CONTACT 2201455 Datasheet HTML 2Page - PHOENIX CONTACT 2201455 Datasheet HTML 3Page - PHOENIX CONTACT 2201455 Datasheet HTML 4Page - PHOENIX CONTACT 2201455 Datasheet HTML 5Page - PHOENIX CONTACT 2201455 Datasheet HTML 6Page - PHOENIX CONTACT 2201455 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Product properties
Product type
Upper housing part
Housing type
DIN rail housing for use in distribution boards in accordance with
DIN 43880
Housing series
BC
Product family
BC 161,6..
Type
modular upper housing part
Ventilation openings present
no
Dimensions
Dimensional drawing
Width
161.6 mm
Height
89.7 mm
Depth
54.85 mm
Horizontal pitch
9 Div.
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Housing)
light gray (RAL 7035)
Flammability rating according to UL 94
V0
Housing material
PC
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
BC 161,6 OT 0C0C0C0C22 KMGY - Upper housing
part
2201455
https://www.phoenixcontact.com/us/products/2201455
Feb 11, 2025, 4:26 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com