Electronic Components Datasheet Search
  English  ▼

X  

RT9602GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9602GS
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9602GS Datasheet HTML 1Page - Richtek Technology Corporation RT9602GS Datasheet HTML 2Page - Richtek Technology Corporation RT9602GS Datasheet HTML 3Page - Richtek Technology Corporation RT9602GS Datasheet HTML 4Page - Richtek Technology Corporation RT9602GS Datasheet HTML 5Page - Richtek Technology Corporation RT9602GS Datasheet HTML 6Page - Richtek Technology Corporation RT9602GS Datasheet HTML 7Page - Richtek Technology Corporation RT9602GS Datasheet HTML 8Page - Richtek Technology Corporation RT9602GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9602
4
DS9602-08
March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC ---------------------------------------------------------------------------- 15V
Supply Voltage, PVCC -------------------------------------------------------------------------------- VCC + 0.3V
BOOT Voltage, VBOOT-VPHASE ----------------------------------------------------------------------- 15V
Input Voltage, VPWM ------------------------------------------------------------------------------------ GND - 0.3V to 7V
PHASE to GND
DC ----------------------------------------------------------------------------------------------------------
−5V to 15V
< 200ns ---------------------------------------------------------------------------------------------------
−10V to 30V
BOOT to PHASE --------------------------------------------------------------------------------------- 15V
BOOT to GND
DC ----------------------------------------------------------------------------------------------------------
−0.3V to VCC+15V
< 200ns ---------------------------------------------------------------------------------------------------
−0.3V to 42V
UGATE ---------------------------------------------------------------------------------------------------- VPHASE - 0.3V to VBOOT + 0.3V
LGATE ---------------------------------------------------------------------------------------------------- GND - 0.3V to VPVCC + 0.3V
Package Thermal Resistance (Note 3)
SOP-14,
θJA --------------------------------------------------------------------------------------------- 127.67°C /W
Ambient Temperature ---------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature ---------------------------------------------------------------------------------- 0
°C to 125°C
Storage Temperature Range -------------------------------------------------------------------------
−40°C to 150°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------ 260
°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------- 200V
Function Block Diagram
Shoot-Through
Protection
Power-On OVP
Shoot-Through
Protection
PVCC
PGND
Control
Logic
Shoot-Through
Protection
Power-On OVP
Shoot-Through
Protection
PVCC
PGND
PVCC
VCC
PWM1
Internal
5V
40K
40K
PWM2
Internal
5V
40K
40K
GND
BOOT1
UGATE1
PHASE1
LGATE1
PGND
BOOT2
UGATE2
PHASE2
LGATE2
PVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com