Electronic Components Datasheet Search
  English  ▼

X  

RT9602GS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9602GS
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602GS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9602GS Datasheet HTML 3Page - Richtek Technology Corporation RT9602GS Datasheet HTML 4Page - Richtek Technology Corporation RT9602GS Datasheet HTML 5Page - Richtek Technology Corporation RT9602GS Datasheet HTML 6Page - Richtek Technology Corporation RT9602GS Datasheet HTML 7Page - Richtek Technology Corporation RT9602GS Datasheet HTML 8Page - Richtek Technology Corporation RT9602GS Datasheet HTML 9Page - Richtek Technology Corporation RT9602GS Datasheet HTML 10Page - Richtek Technology Corporation RT9602GS Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9602
10
DS9602-08
March 2007
www.richtek.com
Referring to Figure 7, when VCC exceeds 1.5V, RT9602
turns on the LGATE to clamp the Phase through the low
side MOSFET. During the turn-on of the low side MOSFET,
the current of ATX 12V is limited at 25A although the
maximum current of ATX 12V listed on the case of ATX is
15A. After the ATX 12V shuts down, the VCC falls slowly.
Please note that the trigger point of RT9602 is at 1.5V
VCC, and the clamped value of phase is at about 2.4V.
Next, reference to Figure 8, it is obvious that since the
Phase voltage increases during the power-on, the VCORE
increases correspondingly, but is gradually decreased as
LGATE and VCC decrease. In Figure 9, during the turn-on
of the low side MOSFET, the VCC is much less than 12V,
thus the RT9241A/B keeps the PWM signal at high
impedance state.
Time (25ms)
VVcc >
PPEASE
>
lLGATE >
lPWM1 >
Figure 9. High Side Direct Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com