Electronic Components Datasheet Search
  English  ▼

X  

AP3771 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3771 Datasheet HTML 1Page - Diodes Incorporated AP3771 Datasheet HTML 2Page - Diodes Incorporated AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
5 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont.) (V
CC =15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC FUNCTION SECTION
tD
Blanking Time for Dynamic Function
–
110
140
170
μs
VTRIGGER
Trigger Voltage for Dynamic Function
–
115
150
185
mV
PROTECTION SECTION
VCC(OVP)
OVP of VCC
–
25
27.5
30
V
VFB(OVP)
OVP of VFB
–
5.5
6.5
7.5
V
VFB(SCP)
Short Circuit Protection
–
1.0
1.2
1.4
V
tONP(MAX)
Maximum tONP
–
24
35
46
μs
tOFF(MAX)
Maximum Off Time
–
14
18
25
ms
Note 5: Line compensation voltage on CS pin:
Performance Characteristics
ICC(OPR) vs. VCC
IFB vs. VCC
VGATE vs. VCC
tONP(MAX) vs. VCC
5
10
15
20
25
30
0
100
200
300
400
500
600
700
800
V
CC
(V)
5
10
15
20
25
30
0
2
4
6
V
CC
(V)
5
10
15
20
25
30
0
4
8
12
16
20
V
CC
(V)
5
10
15
20
25
30
40
42
44
46
48
50
V
CC
(V)
LINE
m
PRI
AUX
DC
IN
CS
R
g
R
R
R
N
N
V
V
7
6
7
_
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com