Electronic Components Datasheet Search
  English  ▼

X  

AP3771 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3771
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3771 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3771 Datasheet HTML 1Page - Diodes Incorporated AP3771 Datasheet HTML 2Page - Diodes Incorporated AP3771 Datasheet HTML 3Page - Diodes Incorporated AP3771 Datasheet HTML 4Page - Diodes Incorporated AP3771 Datasheet HTML 5Page - Diodes Incorporated AP3771 Datasheet HTML 6Page - Diodes Incorporated AP3771 Datasheet HTML 7Page - Diodes Incorporated AP3771 Datasheet HTML 8Page - Diodes Incorporated AP3771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP3771
Document number: DS37281 Rev. 1 - 2
1 of 11
www.diodes.com
May 2014
© Diodes Incorporated
AP3771
A Product Line of
Diodes Incorporated
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Description
The AP3771 is a high performance AC/DC power supply controller for
battery charger and adapter applications. The device uses Pulse
Frequency
Modulation
(PFM)
method
to
build
discontinuous
conduction mode (DCM) flyback power supplies.
The AP3771 provides accurate constant voltage, constant current
(CV/CC) regulation without requiring an opto-coupler and the
secondary control circuitry. It also eliminates the need of loop
compensation circuitry while maintaining good stability. The AP3771
can achieve excellent regulation and high average efficiency, yet
meets no-load consumption less than 30mW. It can also achieve
excellent dynamic performance while maintaining 30mW standby
power with AP4340.
The AP3771 has a built-in fixed cable voltage drop compensation
function. The cable compensation voltage is set as 7% and 3% of the
rated output voltage.
It also has an adjustable built-in line
compensation function to achieve tight CC.
The AP3771 drives MOSFET to achieve the high switching frequency
and high efficiency.
The AP3771 is available in SOT26 package.
Features
Primary Side Control for Tight Constant Current and Constant
Voltage
30mW No-load Input Power
Excellent
Dynamic
Performance
with
AP4340
(For
5V
Application)
MOSFET Driving
Proprietary Adjustable Line Compensation for CC Variation
Constant and Built-in 7% and 3% Voltage Drop Compensation
Enhanced Audio Noise Suppression
Open Circuit Protection
Over Voltage Protection
Short Circuit Protection
SOT26 Package
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
GATE
GND
VCC
CS
CPC
FB
1
2
3
4
5
Pin 1 Mark
6
SOT26
Applications
Adapters/Chargers for Cell/Cordless Phones, PDAs, MP3 and
Other Portable Devices
LED Driver
Standby and Auxiliary Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3771

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HAK6TR-G1 BCDSEMI-AP3772HAK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HBK6TR-G1 BCDSEMI-AP3772HBK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
AP3772HCK6TR-G1 BCDSEMI-AP3772HCK6TR-G1 Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
More results

Similar Description - AP3771

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com