Electronic Components Datasheet Search
  English  ▼

X  

RT9603GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9603GS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9603GS Datasheet HTML 2Page - Richtek Technology Corporation RT9603GS Datasheet HTML 3Page - Richtek Technology Corporation RT9603GS Datasheet HTML 4Page - Richtek Technology Corporation RT9603GS Datasheet HTML 5Page - Richtek Technology Corporation RT9603GS Datasheet HTML 6Page - Richtek Technology Corporation RT9603GS Datasheet HTML 7Page - Richtek Technology Corporation RT9603GS Datasheet HTML 8Page - Richtek Technology Corporation RT9603GS Datasheet HTML 9Page - Richtek Technology Corporation RT9603GS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9603
8
DS9603-08
March 2007
www.richtek.com
Figure 3. Part of Bootstrap Circuit of RT9603
In practice, a low value capacitor CB will lead the over-
charging that could damage the IC. Therefore to minimize
the risk of overcharging and reducing the ripple on VCB,
the bootstrap capacitor should not be smaller than 0.1
μF,
and the larger the better. In general design, using 1
μF
can provide better performance. At least one low-ESR
capacitor should be used to provide good local de-
coupling. Here, to adopt either a ceramic or tantalum
capacitor is suitable.
Power Dissipation
For not exceeding the maximum allowable power
dissipation to drive the IC beyond the maximum
recommended operating junction temperature of 125
°C,
it is necessary to calculate power dissipation appro-
priately. This dissipation is a function of switching
frequency and total gate charge of the selected MOSFET.
Figure 4 shows the power dissipation test circuit. CL and
CU are the DRVH and DRVL load capacitors, respectively.
The bootstrap capacitor value is 0.01
μF.
Figure 4. Test Circuit
Figure 5 shows the power dissipation of the RT9603 as a
function of frequency and load capacitance. The value of
the CU and CL are the same and the frequency is varied
from 100kHz to 1MHz.
Figure 5. Power Dissipation vs. Frequency
The operating junction temperature can be calculated
from the power dissipation curves (Figure 5). Assume
VCC=12V, operating frequency is 200kHz and the
CU=CL=1nF which emulate the input capacitances of the
high side and low side power MOSFETs. From Figure 5,
the power dissipation is 100mW. For RT9603, the package
thermal resistance
θJA is 160°C/W, the operating junction
temperature is calculated as :
TJ = (160
°C/W x 100mW) + 25°C = 41°C (11)
where the ambient temperature is 25
°C.
The method to improve the thermal transfer is to increase
the PCB copper area around the RT9603 first. Then, adding
a ground pad under IC to transfer the heat to the peripheral
of the board.
V
IN
C
B
V
CB
+
-
BST
V
CC
V
CC
DRVH
SW
DRVL
PGND
1N4148
VCC
IN
PGND
BST
DRVH
SW
DRVL
RT9603
1uF
C
L
3nF
20
C
U
3nF
2N7002
2N7002
+12V
+12V
1uF
PWM
1N4148
C
BST
10
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
Frequency (kHz)
CU=CL=3nF
CU=CL=1nF
CU=CL=2nF
Power Dissipation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com