Electronic Components Datasheet Search
  English  ▼

X  

RT9603GS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9603GS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603GS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9603GS Datasheet HTML 1Page - Richtek Technology Corporation RT9603GS Datasheet HTML 2Page - Richtek Technology Corporation RT9603GS Datasheet HTML 3Page - Richtek Technology Corporation RT9603GS Datasheet HTML 4Page - Richtek Technology Corporation RT9603GS Datasheet HTML 5Page - Richtek Technology Corporation RT9603GS Datasheet HTML 6Page - Richtek Technology Corporation RT9603GS Datasheet HTML 7Page - Richtek Technology Corporation RT9603GS Datasheet HTML 8Page - Richtek Technology Corporation RT9603GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9603
1
DS9603-08
March 2007
www.richtek.com
Features
Drives Two N-MOSFETs
Adaptive Shoot-Through Protection
Supports High Switching Frequency
Fast Output Rise Time
Propagation Delay 40ns
Tri-State Input for Bridge Shutdown
Supply Over-Voltage Protection above Maximum
Voltage Rating
Supply Under-Voltage Protection
Upper MOSFET Direct Shorted Protection
Small SOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Core Voltage Supplies for Intel Pentium® 4, AMD®
AthlonTM Microprocessors
High Frequency Low Profile DC-DC Converters
High Current Low Voltage DC-DC Converters
IA Equipments
Synchronous-Rectified Buck MOSFET Drivers
General Description
The RT9603 is a high frequency, dual MOSFET drivers
specifically designed to drive two power N-MOSFETs in a
synchronous-rectified buck converter topology. The device
combined with the RT924x series of multi-phase PWM
controllers and MOSFETs form a complete core voltage
regulator solution for advanced microprocessors.
The output drivers in the RT9603 can efficiently switch power
MOSFETs at frequencies up to 500kHz. It shall be taken
into account the thermal consideration when the switching
frequency above 500kHz. Each driver is capable of driving
a 3nF load in 30/40ns rise/fall time with fast propagation
delay from input transition to the gate of the power
MOSFET. The device implements boot-strapping on the
upper gate with only an external capacitor and a diode
required. This reduces implementation complexity and
allows the use of higher performance, cost effective N-
MOSFETs.
Both drivers incorporate adaptive shoot-through protect-
ion to prevent upper and lower MOSFETs from conduct-
ing simultaneously and shorting the input supply.
An unique feature of the RT9603 driver is the addition of
over-voltage protection in the event of upper MOSFET
direct shorted before power-on. The RT9603 detects the
fault condition during initial start-up, the internal power-
on OVP sense circuitry will rapidly drive the output lower
MOSFET on before the multi-phase PWM controller takes
control. As a result, the input supply will latch into the
shutdown state, thereby prevent the processor from
damaged.
Pin Configurations
(TOP VIEW)
SOP-8
Ordering Information
2
3
4
5
8
7
6
BST
VCC
NC
VIN
DRVH
DRVL
PGND
SW
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9603
Package Type
S : SOP-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9603GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
Synchronous-Rectified Buck MOSFET Drivers
RT9603CS RICHTEK-RT9603CS Datasheet
116Kb / 10P
Synchronous-Rectified Buck MOSFET Drivers
More results

Similar Description - RT9603GS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com