Electronic Components Datasheet Search
  English  ▼

X  

RT9618 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9618
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9618 Datasheet HTML 1Page - Richtek Technology Corporation RT9618 Datasheet HTML 2Page - Richtek Technology Corporation RT9618 Datasheet HTML 3Page - Richtek Technology Corporation RT9618 Datasheet HTML 4Page - Richtek Technology Corporation RT9618 Datasheet HTML 5Page - Richtek Technology Corporation RT9618 Datasheet HTML 6Page - Richtek Technology Corporation RT9618 Datasheet HTML 7Page - Richtek Technology Corporation RT9618 Datasheet HTML 8Page - Richtek Technology Corporation RT9618 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9618/A
1
DS9618/A-04 March 2007
www.richtek.com
Features
Drives Two N-Channel MOSFETs
Adaptive Shoot-Through Protection
Embedded Boot Strapped Diode
Support High Switching Frequency
Fast Output Rise Time
Small SOP-8 Package
Tri-State Input for Bridge Shutdown
Supply Under Voltage Protection
Upper MOSFET Direct Shorted Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Core Voltage Supplies for Desktop, Motherboard CPU
High Frequency Low Profile DC-DC Converters
High Current Low Voltage DC-DC Converters
Synchronous-Rectified Buck MOSFET Drivers
General Description
The RT9618/A is a high frequency, dual MOSFET driver
specifically designed to drive two power N-Channel
MOSFETs in a synchronous-rectified buck converter
topology. This driver combined with Richtek
’ s series of
Multi-Phase Buck PWM controller form a complete core-
voltage regulator solution for advanced micro-processors.
The RT9618/A drives both the lower/upper gate in a
synchronous-rectifier bridge with 12V. This drive-voltage
flexibility provides the advantage of optimizing applications
involving trade-offs between switching losses and
conduction losses.
RT9618A has longer UGATE/LGATE deadtime which can
drive the MOSFETs with large gate RC value, avoiding the
shoot-through phenomenon. RT9618 is targeted to drive
low gate RC MOSFETs and performs better efficiency.
The output drivers in the RT9618/A can efficiently switch
power MOSFETs at frequency up to 500kHz. Switching
frequency above 500kHz has to take into account the
thermal dissipation of SOP-8 package. RT9618/A is
capable to drive a 3nF load with a 30ns rise time. RT9618/
A implements bootstrapping on the upper gate with an
external capacitor and an embedded diode. This reduces
implementation complexity and allows the use of higher
performance, cost effective N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
Pin Configurations
(TOP VIEW)
SOP-8
Ordering Information
2
3
4
5
8
7
6
BOOT
VCC
OD
PWM
UGATE
LGATE
PGND
PHASE
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9618/A
Package Type
S : SOP-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Long Dead Time
Short Dead Time


Similar Part No. - RT9618

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9618A RICHTEK-RT9618A Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
More results

Similar Description - RT9618

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
August 2004
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com