Electronic Components Datasheet Search
  English  ▼

X  

RT9618 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9618
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9618 Datasheet HTML 1Page - Richtek Technology Corporation RT9618 Datasheet HTML 2Page - Richtek Technology Corporation RT9618 Datasheet HTML 3Page - Richtek Technology Corporation RT9618 Datasheet HTML 4Page - Richtek Technology Corporation RT9618 Datasheet HTML 5Page - Richtek Technology Corporation RT9618 Datasheet HTML 6Page - Richtek Technology Corporation RT9618 Datasheet HTML 7Page - Richtek Technology Corporation RT9618 Datasheet HTML 8Page - Richtek Technology Corporation RT9618 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9618/A
3
DS9618/A-04 March 2007
www.richtek.com
Function Block Diagram
Timing Diagram
PWM
UGATE
LGATE
t
pdhUGATE
t
pdlLGATE
t
pdlUGATE
t
pdhLGATE
90%
90%
2V
2V
2V
2V
Shoot-Through
Protection
Turn Off Detect
Shoot-Through
Protection
Input
Disable
VCC
PWM
Internal
5V
BOOT
UGATE
PHASE
LGATE
PGND
R
R
VCC
POR
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com