Electronic Components Datasheet Search
  English  ▼

X  

RT9618PS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9618PS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618PS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9618PS Datasheet HTML 1Page - Richtek Technology Corporation RT9618PS Datasheet HTML 2Page - Richtek Technology Corporation RT9618PS Datasheet HTML 3Page - Richtek Technology Corporation RT9618PS Datasheet HTML 4Page - Richtek Technology Corporation RT9618PS Datasheet HTML 5Page - Richtek Technology Corporation RT9618PS Datasheet HTML 6Page - Richtek Technology Corporation RT9618PS Datasheet HTML 7Page - Richtek Technology Corporation RT9618PS Datasheet HTML 8Page - Richtek Technology Corporation RT9618PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9618/A
5
DS9618/A-04 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
PWM Input
Maximum Input Current
IPWM
PWM = 0V or 5V
--
300
--
μA
PWM Floating Voltage
VPWMfl
VCC = 12V
--
2.4
--
V
PWM Rising Threshold
VPWMrth
3.2
3.6
3.9
V
PWM Falling Threshold
VPWMfth
1.1
1.3
1.5
V
Output Disable Input
OD Rising Threshold
VODrth
1.5
1.8
2.1
V
OD Hysteresis
VODhys
--
0.5
--
V
Timing
UGATE Rise Time
trUGATE
VCC = 12V, 3nF load
--
27
35
ns
UGATE Fall Time
tfUGATE
VCC = 12V, 3nF load
--
32
45
ns
LGATE Rise Time
trLGATE
VCC = 12V, 3nF load
--
35
45
ns
LGATE Fall Time
tfLGATE
VCC = 12V, 3nF load
--
27
38
ns
RT9618
--
20
--
RT9618A
tpdhUGATE
--
90
--
tpdlUGATE
VBOOT − VPHASE= 12V
See Timing Diagram
--
15
--
tpdhLGATE
--
20
--
Propagation Delay
RT9618/A
tpdlLGATE
See Timing Diagram
--
8
--
ns
Output
UGATE Drive Source
RUGATEsr
VBOOT − VPHASE= 12V
--
1.9
3
Ω
UGATE Drive Sink
RUGATEsk
VBOOT − VPHASE= 12V
--
1.4
3
Ω
LGATE Drive Source
RLGATEsr
VCC = 12V
--
1.9
3
Ω
LGATE Drive Sink
RLGATEsk
VCC = 12V
--
1.1
2.2
Ω
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com