Electronic Components Datasheet Search
  English  ▼

X  

RT9618PS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9618PS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618PS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9618PS Datasheet HTML 4Page - Richtek Technology Corporation RT9618PS Datasheet HTML 5Page - Richtek Technology Corporation RT9618PS Datasheet HTML 6Page - Richtek Technology Corporation RT9618PS Datasheet HTML 7Page - Richtek Technology Corporation RT9618PS Datasheet HTML 8Page - Richtek Technology Corporation RT9618PS Datasheet HTML 9Page - Richtek Technology Corporation RT9618PS Datasheet HTML 10Page - Richtek Technology Corporation RT9618PS Datasheet HTML 11Page - Richtek Technology Corporation RT9618PS Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9618/A
11
DS9618/A-04 March 2007
www.richtek.com
Figure 6. Two-Phase Synchronous Buck Converter Circuit
BOOT
UGATE
PHASE
LGATE
VCC
VIN
14
2
5
7
8
PGND
10
1uF
12V
1uF
PHB83N03LT
PHB95N03LT
2uH
1uF
1000uF
1.2uH
12V
1500uF
6
L1
C1
L2
C3
Q2
Q1
C2
CB
D1
R1
C4
PWM
V
IN
V
CORE
OD
3
5V
When layout the PCB, it should be very careful. The power-
circuit section is the most critical one. If not configured
properly, it will generate a large amount of EMI. The junction
of Q1, Q2, L2 should be very close.
Next, the trace from UGATE, and LGATE should also be
short to decrease the noise of the driver output signals.
PHASE signals from the junction of the power MOSFET,
carrying the large gate drive current pulses, should be as
heavy as the gate drive trace. The bypass capacitor C4
should be connected to PGND directly. Furthermore, the
bootstrap capacitors (CB) should always be placed as close
to the pins of the IC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com