Electronic Components Datasheet Search
  English  ▼

X  

RT9644 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9644
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9644 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9644 Datasheet HTML 1Page - Richtek Technology Corporation RT9644 Datasheet HTML 2Page - Richtek Technology Corporation RT9644 Datasheet HTML 3Page - Richtek Technology Corporation RT9644 Datasheet HTML 4Page - Richtek Technology Corporation RT9644 Datasheet HTML 5Page - Richtek Technology Corporation RT9644 Datasheet HTML 6Page - Richtek Technology Corporation RT9644 Datasheet HTML 7Page - Richtek Technology Corporation RT9644 Datasheet HTML 8Page - Richtek Technology Corporation RT9644 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Preliminary
1
DS9644/A-01 August 2007
www.richtek.com
RT9644/A
ACPI Regulator/Controller for Dual Channel
DDR Memory Systems
General Description
The RT9644/A is a complete ACPI compliant power
solution for DDR and DDR2 memory system with up to 4
DIMMs dual channel systems. This RT9644 includes one
synchronous buck controller for DDR/DDR2 VDDQ, one
DDR/DDR2 bus terminator VTT (equal to VDDQ/2) regulator
with source and sinking ability, three LDO controllers for
VGMCH (cascode), and GMCH/CPU terminat ion
VTT_GMCH/CPU. The RT9644A includes one synchronous
buck controller for DDR/DDR2 VDDQ, one PWM controller
for VGMCH (with external MOSFET driver), one DDR/DDR2
bus terminator VTT (equal to VDDQ/2) regulator with source
and sinking ability, and two LDO controllers for
VTT_GMCH/CPU and VDAC.
These parts also provide a reference buffer for DDR/DDR2
input reference voltage generator. When during S0 state,
the VIDPGD indicates the GMCH_CPU VTT within spec
and operational. The synchronous buck DC-DC PWM is
implemented by two N-MOSFETs as upper and lower
MOSFETs with voltage mode control. The linear controllers
are implemented with one N-MOSFET with suitable
capacitance. Each output is monitored by under voltage
protection (RT9644 except VGMCHH and RT9644A except
VDAC). VDDQ PW M controller and DDR/DDR2 bus
terminator regulator have over voltage protection. Moreover,
the VDDQ PWM controller has the over current protection
by external resister adjustment. Thermal shut down is
integrated. All the internal voltage reference is fixed at
0.8V, and users can adjust the resistance divider for desired
voltage output.
Features
l
RT9644 Includes Three LDO Controllers, One LDO
Regulator and One PWM Controller
}One DDR/DDR2 VDDQ with Synchronous Buck PWM
}One DDR/DDR2 Bus Terminator VTT Regulator
Source/Sink 3A
}Two Cascode LDO Controllers for GMCH Core
}One LDO Controller forGMCH/CPU Bus Terminator
VTT_GMCH/CPU
l
RT9644A Includes Two LDO Controllers, One LDO
Regulator and Two PWM Controllers
}One DDR/DDR2 VDDQ with Synchronous Buck PWM
}One VGMCH with External Richtek MOSFET Driver
}One DDR/DDR2 Bus Terminator VTT Regulator
Source/Sink 3A
}One LDO Controller for VDAC
} One LDO Controller for GMCH/CPU Bus
Terminator VTT_GMCH/CPU
l
Operating with 5V and 12V Supply Voltage
l
ACPI Compliant Sleep Mode Control
l
Drive All Low Cost N-MOSFETs
l
Voltage Mode PWM Control
}250kHz Fixed Frequency Oscillator (RT9644A: Two
PWM controllers with phase shift 90o)
}Simple Voltage Mode Loop Control
}Fast Transient Response
}Over Current Protection
l
Fully Adjustable Output Voltage Down to
Compatible with DDR2
l
Integrated DDR/DDR2 Reference Buffer
l
Integrated VIDPGD to Indicated VTT_GMCH/CPU
Operational
l
All Regulator Outputs Monitored by Under Voltage
Protection
l
DDR/DDR2 VDDQ and Bus Terminator VTT Also
Integrated Over Voltage Protection
l
Integrated Thermal Shut Down
l
RoHS Compliant and 100% Lead (Pb)-Free
Applications
l
Motherboard, Desktop Servers : Single/Dual channel
DDR/DDR2 ACPI compliant
l
Graphic Card : GPU and memory supply
l
IA Equipments
l
Telecomm Equipments
l
DSP, ASIC or embedded processor and IO supplies
l
High Power DC-DC Regulators


Similar Part No. - RT9644

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9644

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 2004
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
February 9, 2005
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 22, 2005
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
January 3, 2006
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537 RENESAS-ISL6537 Datasheet
900Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com