Electronic Components Datasheet Search
  English  ▼

X  

RT9644 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9644
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9644 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9644 Datasheet HTML 9Page - Richtek Technology Corporation RT9644 Datasheet HTML 10Page - Richtek Technology Corporation RT9644 Datasheet HTML 11Page - Richtek Technology Corporation RT9644 Datasheet HTML 12Page - Richtek Technology Corporation RT9644 Datasheet HTML 13Page - Richtek Technology Corporation RT9644 Datasheet HTML 14Page - Richtek Technology Corporation RT9644 Datasheet HTML 15Page - Richtek Technology Corporation RT9644 Datasheet HTML 16Page - Richtek Technology Corporation RT9644 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Preliminary
13
DS9644/A-01 August 2007
www.richtek.com
RT9644/A
DS(ON)
OCSET
OCSET
L(MAX)
R
R
I
I
×
=
period and no other fault occurs, then the Fault Counter
is cleared to 0. If a fault occurs prior to the Fault Reset
Counter reaching 9 x Tss period, then the Fault Reset
Counter is set back to zero.
The RT9644/A will immediately shut down when the Fault
Counter reaches a count of 4. When attempting to restart
a faulted regulator, the RT9644/A will follow the preset
start up sequencing. If a regulator is already in regulation,
then it will not be affected by the start up sequencing.
VDDQ Overcurrent Protection
The OCP function monitors output current by using upper
MOSFET RDS(ON). The OCP function cycles soft-start
function in a hiccup mode. Over-current triggering level
can be arbitrarily set by adjusting ROCSET. An Internal 20
µA
current sink makes a voltage drop across ROCSET from
VIN. When VPHASE is lower than VOCSET, OCP function
initializes soft-start cycles. The OCP funcion will be
triggered as inductor current reach :
To prevent OC form tripping in normal operation, ROCSET
must be carefully chosen with :
1. Maximum RDS(ON) at highest junction temperature
2. MInimum IOCSET from specification table
3. IL(MAX) > IOUT(MAX) +
∆ IL /2
∆IL = inductor ripple current
Feedback Compensation
Figure 3 highlights the voltage-mode control loop for a
synchronous buck conv erter. Figure 4 shows the
corresponding Bode plot. The output voltage (VOUT) is
regulated to the reference voltage. The error amplifier EA
output (COMP) is compared with the oscillator (OSC)
sawtooth wave to provide a pulse-width modulated (PWM)
wave with an amplitude of VIN at the PHASE node. The
PWM wave is smoothed by the output filter (L and COUT).
The modulator transfer function is the small-signal transfer
function of VOUT/COMP. This function is dominated by a
DC gain and the output filter (L and COUT), with a double
pole break frequency at FP_LC and a zero at FZ_ESR.
The DC gain of the modulator is simply the input voltage
(VIN) divided by the peak-to-peak oscillator voltage %VOSC.
The compensation network consists of the error amplifier
EA and the impedance networks ZIN and ZFB. The goal of
the compensation network is to provide a closed loop
transfer function with the highest DC gain, the highest
0dB crossing frequency (FC) and adequate phase margin.
Typically, FC in range 1/5 to 1/10 of switching frequency
is adequate. The higher FC is, the faster dynamic response
is. A phase margin in the range of 45
°C to 60° C is
desirable. The equations below relate the compensation
network poles, zeros and gain to the components (R1,
R2, R3, C1, C2, and C3) in Figure 4.
The break frequency FLC and FESR are expressed as
Equation (1) and (2) respectively.
(1)
(2)
OUT
Z_ESR
OUT
P_LC
C
ESR
2
1
F
LC
2
1
F
×
×
=
=
π
π
(3)
(4)
(5)
(6)
C3
R3
2
1
F
C2
C1
C2
C1
R2
2
1
F
C3
)
R3
(R1
2
1
F
C1
R2
2
1
F
P2
P1
Z2
Z1
×
×
=
+
×
×
×
=
×
+
×
=
×
×
=
π
π
π
π
-
+
+
-
OSC
∆V
OSC
Z
FB
Z
IN
V
IN
Driver
Driver
REF
PWM
Comparator
V
E/A
EA
+
-
REF
EA
Z
FB
Z
IN
V
OUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
PHASE
C
OUT
V
OUT
L
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com