Electronic Components Datasheet Search
  English  ▼

X  

RT9701PB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9701PB
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9701PB Datasheet HTML 1Page - Richtek Technology Corporation RT9701PB Datasheet HTML 2Page - Richtek Technology Corporation RT9701PB Datasheet HTML 3Page - Richtek Technology Corporation RT9701PB Datasheet HTML 4Page - Richtek Technology Corporation RT9701PB Datasheet HTML 5Page - Richtek Technology Corporation RT9701PB Datasheet HTML 6Page - Richtek Technology Corporation RT9701PB Datasheet HTML 7Page - Richtek Technology Corporation RT9701PB Datasheet HTML 8Page - Richtek Technology Corporation RT9701PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9701
4
DS9701-13 March 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Temperature
0
5
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
VIN = 5V
Quiescent Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
TA = 25°C
On-Resistance vs. Temperature
0
50
100
150
200
-40-20
0
20
40
60
80100
120
Temperature (
℃)
VIN = 5V
RT9701CB
RT9701CBL
(°C)
Current Limit vs. Temperature
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
-40
-20
0
204060
80
100
120
Temperature (°C)
VIN = 5V
Current Limit vs. Input Voltage
0.00
0.23
0.45
0.68
0.90
1.13
1.35
1.58
1.80
2.02.5
3.03.5
4.04.5
5.05.5
6.0
Input Voltage (V)
TA = 25°C
On-Resistance vs. Input Voltage
80
85
90
95
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage(V)
TA = 25°C
RT9701CB
RT9701CBL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com