Electronic Components Datasheet Search
  English  ▼

X  

RT9701PB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9701PB
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701PB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9701PB Datasheet HTML 2Page - Richtek Technology Corporation RT9701PB Datasheet HTML 3Page - Richtek Technology Corporation RT9701PB Datasheet HTML 4Page - Richtek Technology Corporation RT9701PB Datasheet HTML 5Page - Richtek Technology Corporation RT9701PB Datasheet HTML 6Page - Richtek Technology Corporation RT9701PB Datasheet HTML 7Page - Richtek Technology Corporation RT9701PB Datasheet HTML 8Page - Richtek Technology Corporation RT9701PB Datasheet HTML 9Page - Richtek Technology Corporation RT9701PB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9701
8
DS9701-13 March 2007
www.richtek.com
Application Information
The RT9701 is a high-side single N-Channel MOSFET
switch with active-high enable input.
Input and Output
VIN (input) is the power supply connection to the circuitry
and the drain of the output MOSFET. VOUT (output) is
the source of the output MOSFET. In a typical circuit,
current flows through the switch from VIN to VOUT toward
the load. Both VOUT pins must be short on the board
and connected to the load and so do both VIN pins but
connected to the power source.
Thermal Shutdown
Thermal shutdown shuts off the output MOSFET if the
die temperature exceeds 130
°C and 20°C of hysteresis
forces the switch turning off until the die temperature
drops to 110
°C.
Soft Start
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“
soft-start” feature effectively isolates power supplies
from such highly capacitive loads.
Under-voltage Lockout
UVLO prevents the MOSFET switch from turning on until
input voltage exceeds 1.8V (typical). If input voltage drops
below 1.8V (typical), UVLO shuts off the MOSFET switch.
Filtering
To limit the input voltage drop during hot-plug events,
connect a 1
μF ceramic capacitor from VIN to GND.
However, higher capacitor values will further reduce the
voltage drop at the input.
Connect a sufficient capacitor from VOUT to GND. This
capacitor helps to prevent inductive parasitics from pulling
VOUT negative during turn-off or EMI damage to other
components during the hot-detachment. It is also
necessary for meeting the USB specification during hot
plug-in operation. If RT9701 is implanted in device end
application, minimum 1
μF capacitor from VOUT to GND
is recommended and higher capacitor values are also
preferred.
Figure 1. High Side Power Switch
Figure 2. High Side Power Switch with Chip Enable
Control
RT9701CB
VIN
EN
VOUT
VOUT
GND
V
OUT2
V
IN
C
IN
C
OUT
V
OUT1
C
OUT
Chip Enable
RT9701CBL
VIN
VIN
VOUT
VOUT
GND
V
OUT2
V
IN
C
IN
1uF
C
OUT
C
IN = 1uF, COUT = 470uF (Low ESR) on M/B
C
IN = 1uF, COUT = 330uF (Low ESR) on Notebook
C
IN = 10uF, COUT = 1uF on USB device
V
OUT1
C
OUT
Thermal
Shut
Dowm
Response
Time (50ms/Div)
CH1
CH1: VEN = 5V/Div, CH3: IOUT@RL1
Ω: 1A/Div
CH2: IOUT@short
: 1A/DiV, VIN = 5V
CH2
Thermal Shut Down
CH3
Current Limiting and Short Protection
The current limit circuit is designed to protect the system
supply, the MOSFET switch and the load from damage
caused by excessive currents. The current limit threshold
is set internally to allow a minimum of 1.1A through the
MOSFET but limits the output current to approximately
1.5A typical. When the output is short to ground, it will
limit to a constant current 1A until thermal shutdown or
short condition removed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com