Electronic Components Datasheet Search
  English  ▼

X  

RT9701 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9701
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9701 Datasheet HTML 1Page - Richtek Technology Corporation RT9701 Datasheet HTML 2Page - Richtek Technology Corporation RT9701 Datasheet HTML 3Page - Richtek Technology Corporation RT9701 Datasheet HTML 4Page - Richtek Technology Corporation RT9701 Datasheet HTML 5Page - Richtek Technology Corporation RT9701 Datasheet HTML 6Page - Richtek Technology Corporation RT9701 Datasheet HTML 7Page - Richtek Technology Corporation RT9701 Datasheet HTML 8Page - Richtek Technology Corporation RT9701 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9701
1
DS9701-13 March 2007
www.richtek.com
Pin Configurations
100m
Ω
Ω
Ω
Ω
Ω Power Distribution Switches
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
(TOP VIEW)
Typical Application Circuit
General Description
The RT9701 is an integrated 100m
Ω power switch for
self-powered and bus-powered Universal Series Bus
(USB) applications. A built-in charge pump is used to
drive the N-Channel MOSFET that is free of parasitic
body diode to eliminate any reversed current flow across
the switch when it is powered off. Its low quiescent current
(23
μA) and small package (SOT-23-5) is particularly
suitable in battery-powered portable equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at 1.5A to
meet USB power requirement, and thermal shutdown to
protect damage under over current conditions.
Applications
Battery-Powered Equipment
Motherboard USB Power Switch
USB Device Power Switch
Hot-Plug Power Supplies
Battery-Charger Circuits
Features
100m
Ω
Ω
Ω
Ω
Ω Typ. High-Side NMOSFET (SOT-23-5)
Guaranteed 1.1A Continuous Current
1.5A Current Limit
Small SOT-23-5 Package Minimizes Board Space
Soft Start
Thermal Protection
Low 23
μμμμμA Supply Current
Wide Input Voltage Range : 2.2V to 6V
UL Approved - #E219878
RoHS Compliant and 100% Lead (Pb)-Free
RT9701CBL
VIN
VIN
VOUT
VOUT
GND
V
OUT
V
IN
C
IN
1uF
* C
OUT
470uF
* 470uF, Low ESR Electrolytic
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOT-23-5 (L-Type)
VOUT
GND
VIN
VIN
VOUT
2
3
5
4
1
SOT-23-5
VOUT
GND
VIN
EN
VOUT
2
3
5
4
1
RT9701
Package Type
B : SOT-23-5
BL : SOT-23-5 (L-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9701

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BPB RICHTEK-RT9701BPB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
More results

Similar Description - RT9701

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_18 Datasheet
208Kb / 5P
100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
150m廓 Power Distribution Switches
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
200m廓 Power Distribution Switches
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com