Electronic Components Datasheet Search
  English  ▼

X  

RT9701 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9701
Description  100m廓 Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9701 Datasheet HTML 1Page - Richtek Technology Corporation RT9701 Datasheet HTML 2Page - Richtek Technology Corporation RT9701 Datasheet HTML 3Page - Richtek Technology Corporation RT9701 Datasheet HTML 4Page - Richtek Technology Corporation RT9701 Datasheet HTML 5Page - Richtek Technology Corporation RT9701 Datasheet HTML 6Page - Richtek Technology Corporation RT9701 Datasheet HTML 7Page - Richtek Technology Corporation RT9701 Datasheet HTML 8Page - Richtek Technology Corporation RT9701 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9701
2
DS9701-13 March 2007
www.richtek.com
Function Block Diagram
Test Circuits
Test Circuit 1
Test Circuit 2
Test Circuit 3
Test Circuit 2 is performed by charging an external tank of bulk capacitor to the input then applying this voltage to the
input of the unit.
All typical operating characteristics curves showed are referred to Test Circuit 1, unless specified to Test Circuit 2 or
Test Circuit 3.
RT9701CBL
VIN
VIN
VOUT
VOUT
GND
V
OUT
V
IN
C
IN
1uF
I
OUT
R
L
C
L
I
L
+
RT9701CBL
VIN
VIN
VOUT
VOUT
GND
V
OUT
V
IN
C
IN
1uF
R
L
C
L
V
IN-SW
+
Switch Off
RT9701CB
VIN
EN
VOUT
VOUT
GND
V
OUT
V
IN
C
IN
1uF
I
OUT
R
L
C
L
I
L
+
Chip Enable
Control
Thermal
Detection
Current
Limit
Bias
Charge
Pump
Oscillator
NMOSFET
RS
EN
VIN
(VIN)
(VOUT)
VOUT
GND
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input Voltage
VOUT
Output Voltage
GND
Ground
EN
Chip Enable (Active High)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com