Electronic Components Datasheet Search
  English  ▼

X  

74AC244 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74AC244
Description  Advanced CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74AC244 Datasheet(HTML) 5 Page - Silicon Supplies

  74AC244 Datasheet HTML 1Page - Silicon Supplies 74AC244 Datasheet HTML 2Page - Silicon Supplies 74AC244 Datasheet HTML 3Page - Silicon Supplies 74AC244 Datasheet HTML 4Page - Silicon Supplies 74AC244 Datasheet HTML 5Page - Silicon Supplies 74AC244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Capacitance7
Advanced CMOS Logic – 74AC244
Rev 1.0
24/04/19
PARAMETER
SYMBOL
VCC
CONDITIONS
TYPICAL
UNITS
Maximum Input
Capacitance
CIN
5.0V
TJ = 25°C
4.5
pF
Power Dissipation
Capacitance
(Per Buffer/Driver)
CPD
5.0V
TJ = 25°C,
CL = 50pF,
F = 1MHz
45
pF
Switching Waveforms
Figure 1 – Propagation Delay - Input 1A or 2A to Output 1Y or 2Y
7. Not production tested in die form, characterized by chip design and tested in package.
AC Electrical Characteristics7
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
tPLH
9.0
10.0
10.0
tPHL
3.3V ±0.3
CL = 50pF
9.0
10.0
10.0
ns
tPLH
7.0
7.5
7.5
Propagation Delay
1A to 1Y or 2A to 2Y
(Figure 1)
tPHL
5V ±0.5
CL = 50pF
7.0
7.5
7.5
ns
tPZH
10.5
11.0
11.0
tPZL
3.3V ±0.3
CL = 50pF
10.0
11.0
11.0
ns
tPZH
7.0
8.0
8.0
Output Enable Time
OE to 1Y or 2Y
(Figure 2)
tPZL
5V ±0.5
CL = 50pF
8.0
8.5
8.5
ns
tPHZ
10.0
10.5
10.5
tPLZ
3.3V ±0.3
CL = 50pF
10.5
11.5
11.5
ns
tPHZ
9
9.5
9.5
Output Disable Time
OE to 1Y or 2Y
tPLZ
5V ±0.5
CL = 50pF
9
9.5
9.5
ns
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com