Electronic Components Datasheet Search
  English  ▼

X  

ADIS16355PCBZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16355PCBZ1
Description  Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355PCBZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADIS16355PCBZ1 Datasheet HTML 1Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 2Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 3Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 4Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 5Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 6Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 7Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 8Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADIS16355
Rev. PrG | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
TEMPERATURE SENSOR
Output at 25°C
0
LSB
Scale Factor
6.88
LSB/°C
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
±4
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0 to 2.5
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
For −CS signal when used to wake up from
sleep mode
0.55
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IINL
VIL = 0 V
All except RST
−40
−60
μA
RST
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
SLEEP TIMER
Timeout Period1
0.5
128
Sec
FLASH MEMORY
Endurance2
10,000
Cycles
Data Retention3
TJ = 85C
20
Years
CONVERSION RATE
Maximum Sample Rate
SMPL_PRD = 0x01
819.2
SPS
Minimum Sample Rate
SPML_PRD = 0xFF
0.413
SPS
START-UP TIME4
Initial Power Up
150
ms
Sleep Mode Recovery
3
ms
POWER SUPPLY
Operating Voltage Range, VCC
4.75
5.0
5.25
V
Power Supply Current
Normal mode at 25°C
33
mA
Fast mode at 25°C
57
mA
Sleep mode at 25°C
500
μA
1 Guaranteed by design
2 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) 85°C as per JEDEC Standard 22 Method A117. Retention lifetime decreases with junction temperature.
4 This is defined as the time from wake-up to the first conversion. This time does not include sensor settling time, which is dependent on the filter settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com