Electronic Components Datasheet Search
  English  ▼

X  

ADIS16355PCBZ1 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16355PCBZ1
Description  Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355PCBZ1 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16355PCBZ1 Datasheet HTML 15Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 16Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 17Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 18Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 19Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 20Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 21Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 22Page - Analog Devices ADIS16355PCBZ1 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADIS16355
Rev. PrG | Page 19 of 28
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 2
N = 4
N = 16
N = 64
Figure 32. Bartlett Window FIR Frequency Response
Dynamic Range
The ADIS16350 provides three dynamic range settings: ±75°/s,
±150°/s, and ±300°/s. The lower dynamic range settings (75, 150)
limit the minimum filter tap sizes in order to maintain the resol-
ution as the measurement range decreases. The recommended
order for programming the SENS/AVG register is upper byte
(sensitivity) followed by lower byte (filtering). The contents of the
SENS/AVG register are nonvolatile.
Table 21. SENS/AVG Register Definition
Address
Default
Format
Access
0x39, 0x38
0x0402
N/A
R/W
Table 22. SENS/AVG Bit Descriptions
Bits
Value
Description
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100
300°/s (default condition)
010
150°/s, filter taps ≥ 4 (Bit 2:0 ≥ 0x02)
001
75°/s, filter taps ≥16 (Bit 2:0 ≥ 0x04)
[7:3]
Not used
[2:0]
Filter tap setting, M = decimal of these bits
(number of taps, N = 2M)
Auxiliary DAC
The auxiliary DAC provides a 12-bit level adjustment function.
The AUX_DAC register controls the operation of this feature. It
offers a rail-to-rail buffered output that has a range of 0 V to 2.5 V.
The DAC can drive its output to within 5 mV of the ground
reference when it is not sinking current. As the output
approaches ground, the linearity begins to degrade (100 LSB
beginning point). As the sink current increases, the nonlinear
range increases. The DAC output latch function, contained in
the COMMAND register, provides continuous operation while
writing each byte of this register. The contents of this register
are volatile, which means that the desired output level must be
set after every reset and power cycle event.
Table 23. AUX_DAC Register Definition
Address
Default
Format
Access
0x31, 0x30
0x0000
Binary
R/W
Table 24. AUX_DAC Bit Descriptions
Bits
Description
[15:12]
Not used
[11:0]
Data bits
0x0000 – 0 V output, 0x0FFF – 2.5 V output
General-Purpose Input/Output
The ADIS16350 provides two general-purpose pins that enable
digital input/output control using the SPI. The GPIO_CTRL
control register establishes the configuration of these pins and
handles the SPI-to-pin controls. Each pin provides the flex-
ibility of both input (read) and output (write) operations.
The contents of this register are volatile. For example, writing a
0x0202 to this register establishes Line 2 as an output and sets
its level as a 1. Writing 0x0000 to this register establishes both
lines as inputs, and their status can be read through Bit 8 and Bit 9
of this register.
The digital input/output lines are also available for data-ready and
alarm/error indications. In the event of conflict, the following
priority structure governs the digital input/output configuration:
1.
MSC_CTRL
2.
ALM_CTRL
3.
GPIO_CTRL
Table 25. GPIO_CTRL Register Definition
Address
Default
Format
Access
0x33, 0x32
0x0000
N/A
R/W
Table 26. GPIO_CTRL Bit Descriptions
Bits
Description
[15:10]
Not used
[9]
General-purpose input/output line 2 data level
1 = high, 0 = low
[8]
General-purpose input/output line 1 data level
1 = high, 0 = low
[7:2]
Not used
[1]
General-purpose input/output line 2, data direction
control
1 = output, 0 = input
[0]
General-purpose input/output line 1, data direction
control
1 = output, 0 = input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com