Electronic Components Datasheet Search
  English  ▼

X  

TH115 Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # TH115
Description  Tapped Horn Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH115 Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  TH115 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH115 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rev. 202209231208
TH115
Tapped Horn Subwoofer
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
Performance Specifications
Operating Mode
Passive single channel amplified
Operating Range
38 Hz - 200 Hz -3dB
33 Hz - 280 Hz - 10dB
Coverage Pattern
Omni-directional
Transducers
1x15”
Power Handling
1000 W Cont. | 4000 W Peak
Sensitivity measured as 2.83V @1m distance
106 dB
Maximum SPL (continuous |peak)
133 dB | 139 dB
139 dB | 145 dB @100 Hz
M Noise
Coming soon
Impedance
1x4 Ohm
Recommended Power Amplifier
1x ≈2000 Watts @ 4 Ohm
Physical Specifications
Connections (TH115-T | TH115-I)
(2) Neutrik NL4 Speakon wired in Parallel
Pin 1+/- |4 Ohm Single Channel
Pin 2+/- |Pass Through
Connections (TH115-I-EW | TH115-I-AT)
1x 2 Conductor 14 Gauge Lead-in Wire
Mounting / Suspension Points
M10 -1.5
Dimensions / Weight
40 x 28.5 x 22.5 in. | 1016 x 734 x 572 mm.
157 Lbs | 67 Kg
Finish
Black polyurea enclosure w/ matte black grille
White polyurea enclosure w/ matte white grille
Grey UV resistant painted enclosure w/ matte grey grille
Enclosure Material
18mm Baltic Birch, polyurea coated
Options
TH115-I
Install Version
TH115-I-EW
Install Version, Extreme Weather
TH115-T
Touring Version
TH115-T-K
Touring Version w/ 3 Pole Cups
TH115-T-K-M20 Touring Version w/ 3 M20 Pole Mounts
COVER-TH15TK
Foam and Nylon Protective Cover
The TH115 features (1) x 15” long excursion
LF driver in a Tapped Horn ™ alignment. The
Danley Tapped Horn Subwoofer ™ is a patent-
ed design which allows us to build physically
small subs which are very efficient especially,
at the low end of their range, and are virtually
linear in their passband. The Tapped Horn ™
design takes full advantage of the driver ele-
ment by doubling its output ability. The result
is more output from less input. Subjectively
the TH series produce very deep bass from
generally very small boxes.
The 13 ply Baltic Birch used throughout the
enclosure is encased in PolyUrea for protec-
tion from impact and atmospheric conditions.
Install and touring versions are both equipped
with multiple M10 rig points. Our EW (Ex-
treme Weather) variant offers the ultimate in
protection from the elements due to the use
of high-density polyurethane panels impreg-
nated with fiberglass fibers in the place of
standard plywood.
Utilize our DNA amplifiers or processor for
maximum performance and protection with
industry leading DSP capabilities.


Similar Part No. - TH115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TH110 SCHNEIDER-TH110 Datasheet
940Kb / 21P
Installation and Operation Manual
12/2021
logo
Danley Sound Labs. All ...
TH112 DANLEY-TH112 Datasheet
872Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231203
TH112-I DANLEY-TH112-I Datasheet
872Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231203
TH112-I-G-EW DANLEY-TH112-I-G-EW Datasheet
872Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231203
TH112-T-B-K DANLEY-TH112-T-B-K Datasheet
872Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231203
More results

Similar Description - TH115

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
List of Unclassifed Man...
KSC-WA100 ETC1-KSC-WA100 Datasheet
61Kb / 1P
AKTIVER SUBWOOFER
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com