Electronic Components Datasheet Search
  English  ▼

X  

TH115 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # TH115
Description  Tapped Horn Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH115 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  TH115 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH115 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Rev. 202209231208
TH115
Tapped Horn Subwoofer
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The loudspeaker shall utilize one 15” long excursion transducer in a patent-pending enclosure. The subwoofer
shall have an operating range of -3 dB 38 Hz – 200 Hz with sensitivity of 106 dBSPL, 112 dBSPL @ 100Hz.
133 dBSPL/139 dBSPL peak 139 dBSPL/145 dBSPL @ 100Hz. Power handling shall be 1000 W continuous, 2000
W program. The impedance shall be nominal 4 ohms. The loudspeaker shall be constructed of 13 ply Baltic
birch, water resistant Polyurea coated, properly braced for the
intended use and a rugged steel grill. The connectors shall be Neutrik NL4. The Loudspeaker shall be the Danley
Sound Labs TH115.
ARCHITECT/ENGINEERS SPECS
Sensitivity
TH115-I-G-EW
TH115-T-B
TH115-I-W
TH115-T-B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com