Electronic Components Datasheet Search
  English  ▼

X  

TH118 Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # TH118
Description  Tapped Horn Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH118 Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  TH118 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH118 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TH118
Tapped Horn Subwoofer
Rev. 202209231214
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
Performance Specifications
Operating Mode
Passive single channel amplified
Operating Range
37Hz - 213 Hz +/-3dB
29Hz - 300 Hz - 10dB
Coverage Pattern
Omni-directional
Transducers
1x18”
Power Handling
1700 W Cont. | 6800 W Peak
Sensitivity measured as 2.83V @1m distance
105 dB
Maximum SPL (continuous |peak)
134 dB | 140 dB
M Noise
Coming soon
Impedance
1x4 Ohm
Recommended Power Amplifier
1x ≈3400 Watts @ 4 Ohm
Physical Specifications
Connections (TH118-T | TH118-I)
(2) Neutrik NL4 Speakon wired in Parallel
Pin 1+/- |4 Ohm Single Channel
Pin 2+/- |Pass Through
Connections (TH118-I-EW | TH118-I-AT)
1x 2 Conductor 14 Gauge Lead-in Wire
Mounting / Suspension Points
M10 -1.5
Dimensions / Weight
40 x 28.5 x 22.5 in. | 1016 x 734 x 572 mm.
160 Lbs | 72.5 Kg
Finish
Black polyurea enclosure w/ matte black grille
White polyurea enclosure w/ matte white grille
Grey UV resistant painted enclosure w/ matte grey grille
Enclosure Material
18mm Baltic Birch, polyurea coated
Options
TH118-I
Install Version
TH118-I-EW
Install Version, Extreme Weather
TH118-T
Touring Version
TH118-T-K
Touring Version w/ 3 Pole Cups
TH118-T-K-M20 Touring Version w/ 3 M20 Pole Mounts
COVER-TH18TK
Foam and Nylon Protective Cover
The TH118 features (1) x 18” long excursion LF driver in
a Tapped Horn ™ alignment. The Danley Tapped Horn
Subwoofer ™ is a patented design which allows us to
build physically small subs which are very efficient
especially at the low end of their range and are virtually
linear in their passband. The Tapped Horn ™ design takes
full advantage of the driver element by doubling its
output ability. Combine that attribute with the high pow-
er handling of the driver and you have one of the most
powerful subwoofers on the market.
In many cases a single TH118 will take the place of (2)
standard 2x18” front loaded cabinets. Subjectively the
TH series produce very deep bass from generally very
small boxes, the result is more volume from less input.
They are unlike conventional horns in that combining
multiple TH boxes together results in more output, but
not significantly more extension.
The 13 ply Baltic Birch used throughout the enclosure
is encased in PolyUrea for protection from impact and
atmospheric conditions. Install and touring versions are
both equipped with multiple M10 rig points. Our EW
(Extreme Weather) variant offers the ultimate in protec-
tion from the elements due to the use of high-density
polyurethane panels impregnated with fiberglass fibers
in the place of standard plywood.
Utilize our DNA amplifiers or processor for maximum
performance and protection with industry leading DSP
capabilities.


Similar Part No. - TH118

ManufacturerPart #DatasheetDescription
logo
Danley Sound Labs. All ...
TH118XL DANLEY-TH118XL Datasheet
973Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231216
TH118XL-I DANLEY-TH118XL-I Datasheet
973Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231216
TH118XL-I-EW DANLEY-TH118XL-I-EW Datasheet
973Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231216
TH118XL-T DANLEY-TH118XL-T Datasheet
973Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231216
TH118XL-T-K DANLEY-TH118XL-T-K Datasheet
973Kb / 2P
Tapped Horn Subwoofer
Rev. 202209231216
More results

Similar Description - TH118

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
List of Unclassifed Man...
KSC-WA100 ETC1-KSC-WA100 Datasheet
61Kb / 1P
AKTIVER SUBWOOFER
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com