Electronic Components Datasheet Search
  English  ▼

X  

TH118 Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # TH118
Description  Tapped Horn Subwoofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH118 Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  TH118 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH118 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TH118
Tapped Horn Subwoofer
Rev. 202209231214
© 2022 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The subwoofer shall utilize the tapped patented enclosure. The coverage pattern shall be omnidirectional.
The subwoofer shall have an operating range of 29Hz -300Hz -10dB. Sensitivity of 105 dBSPL (measured at 2.83V
referenced to 1m by 28.3V @10m distance). Output of 134 dBSPL Program/140 dBSPL Peak. Power handling
shall be 1700 Watts cont. or 6800 Watts peak. The subwoofer shall be constructed of 13 ply, 18mm Baltic Birch,
polyurea coated. The subwoofer shall be the Danley Sound Labs TH118.
ARCHITECT/ENGINEERS SPECS
Sensitivity
TH118-I-G-EW
TH118-T-B-K
TH118-I-W
TH118-T-B-K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com