Electronic Components Datasheet Search
  English  ▼

X  

TH212 Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # TH212
Description  TAPPED HORN COMMERCIAL PRO SUBWOOFERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

TH212 Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  TH212 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. TH212 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAPPED HORN COMMERCIAL PRO SUBWOOFERS
© 2012 Danley Sound Labs. All Rights Reserved.
www.danleysoundlabs.com
The TH212 commercial pro subwoofer is designed for any
application that needs massive punch but light weight and easy
portability. Interlocking skids allow the 212 to be stacked into
multiples which produce stunning output and low frequency
directivity. Removable covers allow 2 choices for the location of the
acoustical output
– depending on the installation orientation you
choose. Waterproof drivers are standard on all 212’s.
Available in both Touring and Install versions - touring version comes
with handles and wheels to make it easily transportable, install
version has a variety of fly-points for permanent installations. A self-
powered model is also available with a built in DSP.
Specifications
Operating Frequency Range ......................... 38 Hz - 200 Hz +/- 3 dB
................................................................ 31 Hz
– 200 Hz -10 dB
Sensitivity @ 1M ..............................................................104 dBSPL
............................................................................ (107.8dB@ 81 Hz)
........(Referenced to 2.83V @1M ½ space, measured as 28.3V @ 10M)
Maximum Output.................................. ..133dBSPL/139dBSPL Peak
Input Power Ratings.......................1400W continuous, 5,600W Peak
Nominal Impedance ............................................................... 4 ohms
Minimum Impedance............................................ 3.6 ohms @ 36 Hz
Recommended Processing ............... 30 Hz HP @ 24 dB/Butterworth
Drivers ...................................................... LF 2 x
12” Long excursion
Input Connections ...............................................................2-NL4MP
Enclosure Material ........... 13ply, 18mm Baltic Birch, polyurea coated
TH212
Lightweight,
Easy Portability
Accessories
Powered version available
Weatherized options available
PERFORMANCE DATA
Model
Max SPL
Sensitivity
Magnitude Response
Power
Rating
Dimensions (in.)
Weight
TH212
139 dB
104 dB
38 Hz
– 200 Hz
2,800 W
36 x 15 x 36
142 lbs


Similar Part No. - TH212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH21 ETC1-TH21 Datasheet
262Kb / 3P
Type VR Vertical Mounting Clamp
logo
Knowles Electronics
TH21 KNOWLES-TH21 Datasheet
260Kb / 3P
Type VR Vertical Mounting Clamp
logo
Topstek Inc.
TH21A TOPSTEK-TH21A Datasheet
131Kb / 3P
Topstek Current Transducer
TH21A-B12 TOPSTEK-TH21A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
More results

Similar Description - TH212

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Pasternack Enterprises,...
PE9854-20 PASTERNACK-PE9854-20 Datasheet
256Kb / 2P
STANDARD GAIN HORN
PE9859-15 PASTERNACK-PE9859-15 Datasheet
421Kb / 2P
STANDARD GAIN HORN
PE9864-10 PASTERNACK-PE9864-10 Datasheet
256Kb / 2P
STANDARD GAIN HORN
PE9864-20 PASTERNACK-PE9864-20 Datasheet
256Kb / 2P
STANDARD GAIN HORN
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
logo
TDK Electronics
HRN-0118 TDK-HRN-0118 Datasheet
95Kb / 2P
Horn Antenna
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34_17 Datasheet
450Kb / 3P
Waveguide Horn
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
Waveguide Horn
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com